Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2516 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMIITER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2516 Datasheet HTML 12Page - RF Micro Devices RF2516 Datasheet HTML 13Page - RF Micro Devices RF2516 Datasheet HTML 14Page - RF Micro Devices RF2516 Datasheet HTML 15Page - RF Micro Devices RF2516 Datasheet HTML 16Page - RF Micro Devices RF2516 Datasheet HTML 17Page - RF Micro Devices RF2516 Datasheet HTML 18Page - RF Micro Devices RF2516 Datasheet HTML 19Page - RF Micro Devices RF2516 Datasheet HTML 20Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
11-16
RF2516
Rev A17 060712
Application Schematic
433MHz
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
68 pF
13.57734 MHz
PWR DWN
4.3 k
Ω
220 pF
220 pF
10 nF
220 pF
DIV CTR
10 nF
TX OUT
33pF
1 nF
2.2 nF
39 nH
2 k
Ω
10
Ω
10 nF
*Not populated on standard Evaluation Board.
*
2.8
V
CC (V) Mod. in Res. Value
(R5)
I
CC
(mA)
P
OUT
(dBm)
1k
3k
5k
7k
9k
11k
13k
15k
17k
19k
21k
17.38
10.51
8.68
7.82
7.18
6.75
6.45
6.18
5.99
5.80
5.66
7.45
8.78
7.23
6.00
4.73
3.81
2.98
2.30
1.63
1.00
0.35
2.0
V
CC (V) Mod. in Res. Value
(R5)
1k
3k
5k
7k
9k
11k
13k
15k
17k
19k
21k
I
CC
(mA)
11.08
10.83
4.61
4.00
3.63
3.42
3.26
3.15
3.07
3.01
2.95
P
OUT
(dBm)
-6.23
-4.40
-5.61
-6.66
-8.08
-8.93
-10.04
-10.71
-11.58
-12.32
-13.10
2.4
V
CC (V) Mod. in Res. Value
(R5)
1k
3k
5k
7k
9k
11k
13k
15k
17k
19k
21k
I
CC
(mA)
14.05
9.00
7.48
6.73
6.16
5.79
5.53
5.29
5.13
4.98
4.86
P
OUT
(dBm)
7.94
7.63
5.95
4.64
3.35
2.40
1.47
0.75
0.05
-0.60
-1.26
3.2
V
CC (V) Mod. in Res. Value
(R5)
1k
3k
5k
7k
9k
11k
13k
15k
17k
19k
21k
P
OUT
(dBm)
6.77
9.70
8.30
7.11
5.91
5.02
4.16
3.51
2.89
2.26
1.66
I
CC
(mA)
20.90
12.12
9.66
8.95
8.23
7.75
7.42
7.10
6.89
6.68
6.52
3.6
V
CC (V) Mod. in Res. Value
(R5)
1k
3k
5k
7k
9k
11k
13k
15k
17k
19k
21k
P
OUT
(dBm)
5.78
10.42
9.18
8.08
6.88
6.02
5.19
4.52
3.93
3.35
2.72
I
CC
(mA)
24.68
13.88
10.94
10.14
9.34
8.81
8.44
8.09
7.86
7.63
7.44
OSC B
OSC E
GND
TX OUT
GND1
VCC1
MOD IN
DIV CTRL
LD FLT
LOOP FLT
RESNTR+
RESNTR-
VREFP
GND2
VCC2
50
Ω μstrip
4 pF
50
Ω μstrip
68 nH
2 pF
50
Ω μstrip
15 pF
10 nH
15 pF
10 nH
22 nH
220 pF
10 nF
220 pF
10 nF
10
Ω
3 k
Ω
10 nF
MOD IN
39 nH
V
CC
V
CC
V
CC
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com