Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2638PCBA-DO Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2638PCBA-DO
Description  W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2638PCBA-DO Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2638PCBA-DO Datasheet HTML 2Page - RF Micro Devices RF2638PCBA-DO Datasheet HTML 3Page - RF Micro Devices RF2638PCBA-DO Datasheet HTML 4Page - RF Micro Devices RF2638PCBA-DO Datasheet HTML 5Page - RF Micro Devices RF2638PCBA-DO Datasheet HTML 6Page - RF Micro Devices RF2638PCBA-DO Datasheet HTML 7Page - RF Micro Devices RF2638PCBA-DO Datasheet HTML 8Page - RF Micro Devices RF2638PCBA-DO Datasheet HTML 9Page - RF Micro Devices RF2638PCBA-DO Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6-32
RF2638
Rev B15 060921
Evaluation Board Schematic - PCS/Cellular
RF=1880MHz, IF=130MHz
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Schematic - Dual Output
Cellular Out=836MHz, PCS Out=1880MHz, IF=130MHz
1
2
3
4
8
7
6
5
C3
*
C4
*
C1
10 nF
VCC
T1
J2
IF IN
J3
RF OUT
2638400-
50
Ω μstrip
50
Ω μstrip
C5
68 pF
L1
270 nH
C2
1 nF
J1
LO IN
50
Ω μstrip
C6
*
L2
*
VCC
C7
10 nF
P1-1
VCC
GND
NC
P1
1
2
3
CON3
**Board as provided.
C3*
C4*
L2*
C6*
5 pF
5 pF
2.7 nH
PCS**
1.5 pF
22 pF
22 pF
12 nH
Cellular
2 pF
Note: Board losses: 0.1 dB, Transformer losses: 1 dB
J4
CELL OUT
50
Ω μstrip
1
2
3
4
8
7
6
5
C3
5 pF
C4
5 pF
C1
10 nF
VCC
J2
IF IN
J3
PCS OUT
2638401, Rev 1
50
Ω μstrip
50
Ω μstrip
C5
100 pF
C2
1 nF
J1
LO IN
50
Ω μstrip
C6
0.5 pF
L2
100 nH
C7
10 nF
P1
1
2
3
CON3
GND
P1-2
VCC
NC
L3
6.8 nH
C8
4 pF
L4
18 nH
VCC
Bias Choke Only;
Not part of matching network
L5
5.6 nH
Dual Band, Split Outputs matching network:
Diplexed match at US cellular and PCS transmit bands.
T1
T4-1
C9*
TBD
L1*
TBD
C10*
TBD
Note: Board losses: 0.1 dB, Transformer loss: 1 dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com