Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2850 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2850
Description  DIRECT QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2850 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2850 Datasheet HTML 1Page - RF Micro Devices RF2850 Datasheet HTML 2Page - RF Micro Devices RF2850 Datasheet HTML 3Page - RF Micro Devices RF2850 Datasheet HTML 4Page - RF Micro Devices RF2850 Datasheet HTML 5Page - RF Micro Devices RF2850 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-51
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
RFOUT
GND
VCC
GND
LO
LOREF
RFREF
GND
5
13
12
11
10
14
7
8
6
9
15
16
1
2
3
4
-45°
+45°
Σ
RF2850
DIRECT QUADRATURE MODULATOR
• UMTS Base Stations
• CDMA Base Stations
• GSM-EDGE/EGSM Base Stations
• WLAN and WLL Systems
• GMSK,QPSK,DQPSK,QAM Modulation
The RF2850 is a direct quadrature modulator for use in
base
stations
and
other
communications systems.
RF2850 supports PCS, GSM, EDGE, CDMA2000, and
UMTS standards. This device features a narrow-band
operation at 1700MHz to 2500MHz with excellent carrier
and sideband suppression and ultra low noise floor. The
device is manufactured on an advanced GaAs HBT pro-
cess. The RF2850 operates from a single 5V supply and
is packaged in a low cost 4mmx4mm 16-pin leadless
package.
• Typical Carrier Suppression>40dBc
• Typical Sideband Suppression>40dBc
• Noise Floor better than -158dBm/Hz
• Single 5V Power Supply
RF2850
Direct Quadrature Modulator
RF2850 PCBA
Fully Assembled Evaluation Board
0
Rev A0 050616
0.10
CA B
M
0.35
0.23
Pin 1 ID
0.20 R
2.25
1.95
SQ.
0.65
0.75
0.50
TYP
0.60
0.24
TYP
0.05 C
0.90
0.85
0.70
0.65
0.05
0.00
12°
MAX
-C-
SEATING
PLANE
Shaded lead is pin 1.
Dimensions in mm.
0.10 C A
2 PLCS
-A-
4.00 SQ.
0.10 C B
2 PLCS
0.10 C B
2 PLCS
-B-
3.75 SQ
1.87 TYP
0.10 C A
2 PLCS
2.00 TYP
Package Style: QFN, 16-Pin, 4x4
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2850

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Adam Technologies, Inc.
RF2850D0050 ADAM-TECH-RF2850D0050 Datasheet
154Kb / 1P
RF CONNECTORS
RF2850D0075 ADAM-TECH-RF2850D0075 Datasheet
154Kb / 1P
RF CONNECTORS
RF2850DAS50 ADAM-TECH-RF2850DAS50 Datasheet
154Kb / 1P
RF CONNECTORS
RF2850DAS75 ADAM-TECH-RF2850DAS75 Datasheet
154Kb / 1P
RF CONNECTORS
More results

Similar Description - RF2850

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
156Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_06 Datasheet
185Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_1 Datasheet
196Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com