Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2860 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2860
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2860 Datasheet HTML 1Page - RF Micro Devices RF2860 Datasheet HTML 2Page - RF Micro Devices RF2860 Datasheet HTML 3Page - RF Micro Devices RF2860 Datasheet HTML 4Page - RF Micro Devices RF2860 Datasheet HTML 5Page - RF Micro Devices RF2860 Datasheet HTML 6Page - RF Micro Devices RF2860 Datasheet HTML 7Page - RF Micro Devices RF2860 Datasheet HTML 8Page - RF Micro Devices RF2860 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
8-386
RF2860
Rev A9 050902
LNA Performance versus Current (As a function of ISET1 Resistance)
Mixer Performance versus Current (As a function of ISET2 Resistance)
Evaluation Board Current Measurement
Cascaded Performance (Typical Values for VCC=2.75V)
NOTE: All total current numbers include bias circuitry current of 1.5mA to 2.0mA (dependent on mode).
Gain (dB)
IIP3 (dBm)
Noise Figure (dB)
ISET1 Resistance (k
Ω)
Current (mA)
15.6
7.3
1.4
36
4.6
15.7
9.7
1.4
33
4.9
15.9
16.8
1.4
30
5.4
16.1
12.3
1.4
27
6.1
16.2
10.6
1.4
24
6.7
16.4
9.6
1.4
22
7.3
16.4
9.4
1.4
20
7.9
Gain (dB)
IIP3 (dBm)
Noise Figure (dB)
ISET2 Resistance (k
Ω)
Current (mA)
14.2
4.0
6.7
6.8
25.6
14.2
3.7
6.6
7.5
24.6
14.1
3.5
6.5
8.3
23.9
14.0
2.9
6.4
9.1
22.8
13.8
2.6
6.4
10.0
22.2
13.8
2.4
6.3
11.0
21.8
13.5
1.8
6.3
12.0
20.7
ENABLE
LNA
GAIN
TX BUFF
ENAB
IDC
(mA)
US PCS Band
Korean PCS Band
LNA On, TX Buffer Off
1
1
0
27.5
LNA Bypassed, TX Buffer Off
1
0
0
21.0
GPS Band
LNA On, TX Buffer Off
1
1
0
24.5
LNA Bypassed, TX Buffer Off
1
0
0
18.5
IMT-2000 Band
LNA On, TX Buffer Off
1
1
0
24.5
LNA Bypassed, TX Buffer Off
1
0
0
18.5
NOTES:
All IDC current numbers include bias circuitry current of 1.5mA to 2.0mA
(dependent on mode).
TX Buffer On: Add 2mA to total current.
Parameter
KPCS CDMA
PCS CDMA
GPS
IMT-2000
LNA ON
LNA OFF
LNA ON
LNA OFF
LNA ON
LNA OFF
LNA ON
LNA OFF
Cascaded:
Gain (dB)
28.0
6.5
27.5
6.5
33.25
11.0
25.5
6.0
Noise Figure (dB)
1.8
14.5
2.0
14.5
1.7
15.0
2.5
16.0
Input IP3 (dBm)
-11.0
+10.0
-11.0
+10.0
-17.0
5.3
-12.0
+7.2
LO to IF Isolation (dB)
40
40
40
40
40
40
40
40
IF1 to RF Isolation (dB)
40
40
40
40
40
40
40
40
IF2 to RF Isolation (dB)
40
40
40
40
40
40
40
40
LO to LNA IN Isolation (dB)
40
40
40
40
40
40
40
40
Total Current (mA)
27.5
21.0
27.5
21.0
24.5
18.5
24.5
18.5
NOTE: Assumes 2.5dB image filter insertion loss. The TX Buffer is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com