Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6260 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6260
Description  High Speed, Extremely Low Noise 150mA LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6260 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6260 Datasheet HTML 1Page - Sipex Corporation SP6260 Datasheet HTML 2Page - Sipex Corporation SP6260 Datasheet HTML 3Page - Sipex Corporation SP6260 Datasheet HTML 4Page - Sipex Corporation SP6260 Datasheet HTML 5Page - Sipex Corporation SP6260 Datasheet HTML 6Page - Sipex Corporation SP6260 Datasheet HTML 7Page - Sipex Corporation SP6260 Datasheet HTML 8Page - Sipex Corporation SP6260 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image

Apr5-07 RevD
SP6260 High Speed, Extremely Low Noise LDO Regulator
© 2007 Sipex Corporation
The S
P6260 series are positive voltage regulator ICs fabricated by CMOS process. Each of these ICs consists of a voltage reference,
an error amplifier, a resistor network for setting output voltage, a current limit circuit for current protection and a chip enable circuit.
The S
P6260 series feature high ripple rejection, low dropout voltage, low noise, high output voltage accuracy, and low current
consumption which make them ideal for use in various battery-powered devices. The S
P6260 devices have 1.5V, 1.8V, 2.5V, 2.8V,
3.0V, 3.2V and 3.3V versions. The S
P6260 is available in standard Lead Free, RoHS Compliant SOT-23-5 packaging.
features
Low Dropout Voltage at IOUT=100mA: 150mV
Typical (Except 1.5V Version)
Low Standby Current: 0.1 A Typical
Low Quiescent Current: 25 A Typical
High Ripple Rejection: 70dB Typical f=10kHz
Maximum Output Current: More Than 150mA
(300mA Limit)
Extremely Low Noise: 30 Vrms (10Hz to
100kHz)
Excellent Line Regulation: 4mV Typical
Excellent Load Regulation: 12mV Typical
High Output Voltage Accuracy: 2%
Excellent Line Transient Response and Load
Transient Response
Compatible with Low ESR Ceramic Capacitor (as
Low as 1 F)
Available in Lead Free, RoHS Compliant
Package: SOT-23-5
Applications
Mobile Phones, Cordless Phones
Wireless Communication Equipment
Portable Games
Cameras, Video Recorders
Sub-board Power Supplies for Telecom
Equipment
Battery Powered Equipment
SOT-2-5 Package
NC
VIN
GND

2


5
CE
VOUT
V
IN
SP6260EEK (.0V)
C
IN
 F
C
OUT
 F
V
OUT
V
IN
V
OUT
GND
CE
NC
V
OUT=V
V
IN=V
SP6260
TYPICAL APPLICATION CIRCUIT
DESCRIPTION
Solved by
TM
High Speed, Extremely Low Noise
150mA LDO Regulator


Similar Part No. - SP6260

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6260 EXAR-SP6260 Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
SP6260AEK-L EXAR-SP6260AEK-L Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
SP6260AEK-TR EXAR-SP6260AEK-TR Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
SP6260BEK-L EXAR-SP6260BEK-L Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
SP6260BEK-TR EXAR-SP6260BEK-TR Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
More results

Similar Description - SP6260

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121 Datasheet
166Kb / 2P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2120 BCDSEMI-AP2120 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com