Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2878PCBA-L Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2878PCBA-L
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2878PCBA-L Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2878PCBA-L Datasheet HTML 4Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 5Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 6Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 7Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 8Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 9Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 10Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 11Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
4-339
RF2878
Rev A0 060206
Driver Amp 836 MHz
ICC versus VPD
19.0
19.5
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
26.0
2.72.8
2.93.0
VPD
2.7V Icc (mA)
3.0V Icc (mA)
3.3V Icc (mA)
3.6V Icc (mA)
Driver Amp 836 MHz
Gain versus VPD
20.72
20.74
20.76
20.78
20.80
20.82
20.84
20.86
20.88
20.90
20.92
2.70
2.80
2.90
3.00
VPD
2.7V Gain (dB)
3.0V Gain (dB)
3.3V Gain (dB)
3.6V Gain (dB)
Driver Amp 836 MHz
OIP3 versus VPD
27.0
28.0
29.0
30.0
31.0
32.0
33.0
2.72.8
2.93.0
VPD
2.7V OIP3 (dBm)
3.0V OIP3 (dBm)
3.3V OIP3 (dBm)
3.6V OIP3 (dBm)
Driver Amp 836 MHz
POUT 1dB versus VPD
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
2.7
2.8
2.9
3.0
VPD
2.7V P 1dB (dBm)
3.0V P 1dB (dBm)
3.3V P 1dB (dBm)
3.6V P 1dB (dBm)
Driver Amp 836 MHz
Noise Figure versus VPD
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.70
2.80
2.90
3.00
VPD
2.7V NF (dB)
3.0V NF (dB)
3.3V NF (dB)
3.6V NF (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com