Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP2G3 Datasheet(PDF) 3 Page - LETEX TECHNOLOGY CORP.

Part # LTP2G3
Description  PHOTOVOLTAIC MOSFET DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LTP2G3 Datasheet(HTML) 3 Page - LETEX TECHNOLOGY CORP.

  LTP2G3 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LTP2G3 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LTP2G3 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LTP2G3 Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LTP2G3
Rev.B
Letex Technology Corp.
Reference Data
Turn on time Vs.
Forward current characteristics
50mA
30mA
20mA
10mA
5mA
-40
0
-20
Ambient temperature (℃)
40
0
20
60
85
LED dropout voltage Vs.
Ambient temperature
1.0
1.1
1.2
1.3
1.5
1.4
100
-40
0
-20
0.1
0.2
0.3
Ambient temperature (℃)
40
0
20
60
85
0.4
0.5
-40
0
-20
Turn off time Vs.
Ambient temperature
Ambient temperature (℃)
40
0
20
60
80
85
100
-40
0
-20
1
2
3
Ambient temperature (℃)
40
0
20
60
85
LED operate current Vs.
Ambient temperature
4
5
100
-40
0
-20
Ambient temperature (℃)
40
0
20
60
85
Drop-out voltage Vs.
Ambient temperature
4
6
8
10
12
14
Shotr circuit current Vs.
Ambient temperature
6
2
4
8
10
100
100
100
-40
0
-20
0.1
0.2
0.3
Ambient temperature (℃)
20
0
40
60
85
LED turn off current Vs.
Ambient temperature
0.4
0.5
100
0
-40
-20
Ambient temperature (℃)
20
0
40
60
80
85
Turn on time Vs.
Ambient temperature
1.0
0.5
1.5
2.0
2.5
3.0
Turn off time Vs.LED forward
current characteristics
40
0
0
LED forward current (mA)
10
20
30
0.5
1
1.5
2.0
50
LED forward current (mA)
0
0
10
20
30
40
50
60
0.05
0.1
0.15
0.2
0.25
0.3
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com