Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM3402 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RM3402
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM3402 Datasheet(HTML) 2 Page - Rectron Semiconductor

  RM3402 Datasheet HTML 1Page - Rectron Semiconductor RM3402 Datasheet HTML 2Page - Rectron Semiconductor RM3402 Datasheet HTML 3Page - Rectron Semiconductor RM3402 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical characteristics (Ta=25
unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERISTICS
Drain-source breakdown voltage
V (BR)DSS
VGS = 0V, ID =250μA
30
V
Zero gate voltage drain current
IDSS
VDS =24V,VGS = 0V
1
μA
Gate-body leakage current
IGSS
VGS =±12V, VDS = 0V
100
nA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =250μA
0.6
1
1.4
V
VGS =10V, ID =4A
45
55
mŸ
VGS =4.5V, ID =3A
55
70
mŸ
Drain-source on-resistance (note 3)
RDS(on)
VGS =2.5V, ID =2A
83
110
mŸ
Forward transconductance (note 3)
gFS
VDS =15V, ID =4A
8
S
Diode forward voltage (note 3)
VSD
IS=1A, VGS = 0V
0.8
1
V
DYNAMIC CHARACTERISTICS (note 4)
Input capacitance
Ciss
390
pF
Output capacitance
Coss
54.5
pF
Reverse transfer capacitance
Crss
VDS =15V,VGS =0V,f =1MHz
41
Pf
Gate resistance
Rg
VDS =0V,VGS =0V,f =1MHz
3
Ÿ
SWITCHING CHARACTERISTICS (note 4)
Turn-on delay time
td(on)
3.3
ns
Turn-on rise time
tr
1
ns
Turn-off delay time
td(off)
21.7
ns
Turn-off fall time
tf
VGS=10V,VDS=15V,
RL=3.75 ,RGEN=6
2.1
ns
Total gate charge
Qg
4.34
nC
Gate-source Charge
Qgs
0.6
nC
Gate-drain Charge
Qgd
VDS =15V,VGS =4.5V,ID =4A
1.38
nC
Body diode reverse recovery time
t.
1.2
ns
Body diode reverse recovery charge
Qrr
IF=4A,dI/dt=100A/μs
6.3
nC
Notes :
1. Repetitive rating : Pulse width limited by junction temperature.
2. Surface mounted on FR4 board , t”10s.
3. Pulse Test : Pulse Width”80μs, Duty Cycle”0.5%.
4. Guaranteed by design, not subject to producting.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com