Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6648EU Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6648EU
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648EU Datasheet(HTML) 4 Page - Sipex Corporation

  SP6648EU Datasheet HTML 1Page - Sipex Corporation SP6648EU Datasheet HTML 2Page - Sipex Corporation SP6648EU Datasheet HTML 3Page - Sipex Corporation SP6648EU Datasheet HTML 4Page - Sipex Corporation SP6648EU Datasheet HTML 5Page - Sipex Corporation SP6648EU Datasheet HTML 6Page - Sipex Corporation SP6648EU Datasheet HTML 7Page - Sipex Corporation SP6648EU Datasheet HTML 8Page - Sipex Corporation SP6648EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Date: 6/7/06 Rev B
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
THEORY OF OPERATION
Detailed Description
The SP6648 is a step-up DC-DC converter that
can start up with input voltages as low as 0.85V
(typically) and operates with an input voltage
down to 0.61V. Ultra low quiescent current of
12
μA provides excellent efficiency, up to 94%.
In addition to the main switch, a 0.3
Ω internal
MOSFET the SP6648 has an internal synchro-
nous rectifier, increasing efficiency and reduc-
ing the space requirements of an external diode.
An internal inductive-damping switch signifi-
cantly reduces inductive ringing for low-noise,
high efficiency operation. If the supply voltage
drops below 0.61V the SP6648 goes into under
voltage lock-out mode, thus opening both inter-
nal switches. An externally programmable low
battery detector with open drain output provides
the ability to flag a battery-low condition. The
inductor peak current is externally program-
mable to allow for a range of inductor values.
Control Scheme
A minimum off-time, current limited pulse fre-
quency modulation (PFM) control scheme com-
bines the high output power and efficiency of a
pulse width modulation (PWM) device with the
ultra low quiescent current of the traditional
PFM. At low to moderate output loads, the PFM
control provides higher efficiency than tradi-
tional PWM converters are capable of deliver-
ing. At these loads, the switching frequency is
determined by a minimum off-time (tOFF, MIN)
and a maximum on-time (tON, MAX) where:
tOFF
≥ KOFF / (VOUT - VBATT) and
tON
≤ KON / VBATT with
KOFF = 1.0V
μs and
KON = 4.0V
μs.
FUNCTIONAL DIAGRAM
VBATT
SHDN
VBATT
VO
UVLO
0.61V
0.61V
SDI
IBIAS
SDI
INTERNAL
VBATT
FB
LBI
RLIM
Ipkset
current
control
current
reference
REF
FB
VOLOW
SQn
CHARGE
Q
R
TOFF
charge end
IUC
QKILL
LX
undercurrent
comparator
INTERNAL
SUPPLY
VO
VBATT
Max
Ton
VOUT
QKILL
PMOS
NMOS
LX
current
reference
overcurrent
comparator
SWITCH GROUND
PGND
GND
LBON
INTERNAL
GROUND
LOAD
Ref
Block
Min
TOFF
switch
buffer
+
-
c
+
-
c
n
0.61V
SP6648
+
-
c
+
-
c
+
-
c
1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com