Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3315 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3315
Description  BROADBAND HIGH LINEARITY AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3315 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3315 Datasheet HTML 1Page - RF Micro Devices RF3315 Datasheet HTML 2Page - RF Micro Devices RF3315 Datasheet HTML 3Page - RF Micro Devices RF3315 Datasheet HTML 4Page - RF Micro Devices RF3315 Datasheet HTML 5Page - RF Micro Devices RF3315 Datasheet HTML 6Page - RF Micro Devices RF3315 Datasheet HTML 7Page - RF Micro Devices RF3315 Datasheet HTML 8Page - RF Micro Devices RF3315 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4-557
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
2
3
4
RF3315
BROADBAND HIGH LINEARITY AMPLIFIER
• Basestation Applications
• Cellular and PCS Systems
• WLL, W-CDMA Systems
• Final PA for Low-Power Applications
The RF3315 is a high-efficiency GaAs Heterojunction
Bipolar Transistor (HBT) amplifier packaged in a low-cost
surface-mount package. This amplifier is ideal for use in
applications requiring high-linearity and low noise figure
over the 300MHz to 3GHz frequency range. The RF3315
operates from a single 5V power supply.
• 300MHz to 3GHz
• +40dBm Output IP3
• 12.5dB Gain at 2.0GHz
• +23dBm P1dB
• 3.0dB Typical Noise Figure at 2.0GHz
• Single 5V Power Supply
RF3315
Broadband High Linearity Amplifier
RF3315PCBA-410 Fully Assembled Evaluation Board (2GHz)
RF3315PCBA-411 Fully Assembled Evaluation Board (900MHz)
0
Rev A10 050318
Shaded lead is pin 1.
Dimensions in mm.
0.43
0.38
1.60
1.40
1.75
1.40
1.80
1.45
0.53
0.41
1.04
0.80
0.50
0.30
4.60
4.40
2.60
2.40
3.10
2.90
0.48
0.36
2 PL
Package Style: SOT89
RoHS Compliant & Pb-Free Product


Similar Part No. - RF3315

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315 RFMD-RF3315 Datasheet
228Kb / 12P
ROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-410 RFMD-RF3315PCBA-410 Datasheet
228Kb / 12P
ROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-410 RFMD-RF3315PCBA-410 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-411 RFMD-RF3315PCBA-411 Datasheet
228Kb / 12P
ROADBAND HIGH LINEARITY AMPLIFIER
More results

Similar Description - RF3315

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
CGA-6618 STANFORD-CGA-6618 Datasheet
323Kb / 5P
DUAL CATV BROADBAND HIGH LINEARITY GAAS HBT AMPLIFIER
CGA-3318 STANFORD-CGA-3318 Datasheet
355Kb / 8P
Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
322Kb / 16P
Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
logo
SIRENZA MICRODEVICES
CGA-3318 SIRENZA-CGA-3318 Datasheet
236Kb / 8P
Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
Maxim Integrated Produc...
MAX3524 MAXIM-MAX3524 Datasheet
176Kb / 7P
Low-Noise, High-Linearity Broadband Amplifier
Rev 2; 6/05
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
logo
Freescale Semiconductor...
MMG3H21NT1 FREESCALE-MMG3H21NT1 Datasheet
287Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z Datasheet
297Kb / 10P
DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
CGA-3318Z RFMD-CGA-3318Z_12 Datasheet
417Kb / 10P
DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
RF3315 RFMD-RF3315_12 Datasheet
864Kb / 16P
BROADBAND HIGH LINEARITY AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com