Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7901 Datasheet(PDF) 3 Page - EPCOS

Part # B7901
Description  SAW Rx Filter 1855.0 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7901 Datasheet(HTML) 3 Page - EPCOS

  B7901 Datasheet HTML 1Page - EPCOS B7901 Datasheet HTML 2Page - EPCOS B7901 Datasheet HTML 3Page - EPCOS B7901 Datasheet HTML 4Page - EPCOS B7901 Datasheet HTML 5Page - EPCOS B7901 Datasheet HTML 6Page - EPCOS B7901 Datasheet HTML 7Page - EPCOS B7901 Datasheet HTML 8Page - EPCOS B7901 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
May 10, 2006
B7901
1855.0 MHz
SAW Components
SAW Rx Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 100 Ω (balanced)
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
1855.0
—
MHz
Maximum insertion attenuation
α
max
1840.0 ... 1870.0
MHz
—
1.6
2.41)
1) 2.2 dB max. at 25
˚C
dB
Amplitude ripple (p-p)
∆α
1840.0 ... 1870.0
MHz
—
0.3
0.8
dB
Input VSWR
1840.0 ... 1870.0
MHz
—
1.4
1.8
Output VSWR
1840.0 ... 1870.0
MHz
—
1.5
1.9
Output amplitude balance (|S31/S21|)
1840.0 ... 1870.0
MHz
–1.0
-0.3/0.3
1.0
dB
Output phase balance (
φ(S
31)−φ(S21)+180˚)
1840.0 ... 1870.0
MHz
–10
-5/+5
10
˚
Attenuation
α
10.0 ... 1750.0
MHz
42
49
—
dB
1750.0 ... 1780.0
MHz
37
40
—
dB
1930.0 ... 1975.0
MHz
28
32
—
dB
1975.0 ... 2020.0
MHz
36
42
—
dB
2020.0 ... 2100.0
MHz
40
46
—
dB
2100.0 ... 2500.0
MHz
45
49
—
dB
2500.0 ... 2650.0
MHz
42
45
—
dB
2650.0 ... 4000.0
MHz
45
60
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com