Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6659 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6659
Description  1.5MHz, 600mA Synchronous Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6659_06 Datasheet HTML 3Page - Sipex Corporation SP6659_06 Datasheet HTML 4Page - Sipex Corporation SP6659_06 Datasheet HTML 5Page - Sipex Corporation SP6659_06 Datasheet HTML 6Page - Sipex Corporation SP6659_06 Datasheet HTML 7Page - Sipex Corporation SP6659_06 Datasheet HTML 8Page - Sipex Corporation SP6659_06 Datasheet HTML 9Page - Sipex Corporation SP6659_06 Datasheet HTML 10Page - Sipex Corporation SP6659_06 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Date: 9/25/06 Rev C
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© 2006 Sipex Corporation
THEORY OF OPERATION
choose an inductor with DC series resis-
tance in the 50mΩ to 150mΩ range. For
higher efficiency at heavy loads (above
200mA), or minimal load regulation (but
some transient overshoot), the resistance
should be kept below 100mΩ. The DC cur-
rent rating of the inductor should be at least
equal to the maximum load current plus half
the ripple current to prevent core saturation
(600mA+105mA).
Table 1 lists some typical surface mount
inductors that meet target applications for
the SP6659.
Table 1: Typical Surface Mount Inductors
________________ INPUT CAPACITOR
SELECTION
The input capacitor reduces the surge cur-
rent drawn from the input and switching
noise from the device. The input capacitor
impedance at the switching frequency shall
be less than input source impedance to
prevent high frequency switching current
from passing to the input. A low ESR (Equiva-
lent Series Resistance) input capacitor sized
for maximum RMS current must be used.
Ceramic capacitors with X5R or X7R dielec-
trics are highly recommended because of
their low ESR and small temperature coeffi-
cients. A 4.7μF ceramic capacitor for most
applications is sufficient.
______________ OUTPUT CAPACITOR
SELECTION
The output capacitor is required to keep the
output voltage ripple small and to ensure
regulation loop stability. The output capaci-
tor must have low impedance at the switch-
ing frequency. Ceramic capacitors with X5R
or X7R dielectrics are recommended due to
their low ESR and high ripple current. The
output ripple ΔVOUT is determined by:
X
{ESR +
}
1
(8X ƒ
OSC X COUT)
ΔVOUT ≤
VOUT X (VINMax - VOUT)
VINMax X L X ƒ
OSC
SP6659 Inductor Selection Chart
Murata
LQH32CN2R2M11
1.0
78
1
3.2x2.5x1.55
Murata
LQH32CN2R2M11
2.2
126
0.
79
3.2x2.5x1.55
Murata
LQH32CN4R7M11
4.7
1 9 5
0.6 5
3.2x2.5x1.55
1.4
56.2
2.52
2.2
71.2
1.5
3.3
86.2
1.44
4.7
108.7
1.15
1.5
2.2
75
1.32
3.3
110
1.04
4.7
162
0.84
1.5
120
1.29
2.2
140
1.14
3.3
180
0.98
4.7
240
0.79
Inductor in
Bold is used on the SP6659EB evaluation Board
4.7x4.7x2.0
Size WxLxH
(mm)
Sumida CR43
Sumida CDRH4D18
Toko D312C
Part #
Inductor
(µH)
Max DCR
(mΩ)
Rated DC
Current
(Amps)
4.5x4.0x3.5
3.6x3.6x1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com