Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6659 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6659
Description  1.5MHz, 600mA Synchronous Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6659 Datasheet HTML 1Page - Sipex Corporation SP6659 Datasheet HTML 2Page - Sipex Corporation SP6659 Datasheet HTML 3Page - Sipex Corporation SP6659 Datasheet HTML 4Page - Sipex Corporation SP6659 Datasheet HTML 5Page - Sipex Corporation SP6659 Datasheet HTML 6Page - Sipex Corporation SP6659 Datasheet HTML 7Page - Sipex Corporation SP6659 Datasheet HTML 8Page - Sipex Corporation SP6659 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Date: 9/25/06 Rev C
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© 2006 Sipex Corporation
SP6659
The SP6659 is a 600mA synchronous buck regulator using a constant frequency, current mode
architecture. The output voltage can be programmed using an external resistor divider. The 2.5V
to 5.5V input voltage range is ideal for portable applications that use a Li-Ion battery. Switching
frequency is internally set at 1.5MHz, allowing the use of small surface mount inductors and
capacitors. The internal synchronous switch increases efficiency and eliminates the need for an
external Schottky diode. The output voltage can be programmed using an external resistor
divider. Low output voltages are easily supported with the 0.6V feedback reference voltage. The
SP6659 is available in a low profile 5 pin TSOT-23 package.
DESCRIPTION
FEATURES
■ 94% Efficiency Possible
■ 600mA Output Current at V
IN = 3.6V
■ 2.5V to 5.5V Input Voltage Range
■ 1.5MHz constant frequency operation
■ No Schottky Diode Required
■ Output Voltages as low as 0.6V
■ Slope Compensated Current Mode
Operation for Excellent Line and Load
Transient Response
■ 100 % Duty Cycle in LDO Mode
■ <1μA Shutdown Current, Quiescent
Current of 300 μA
■ Over-temperature protected
■ Pin Compatible to LTC3406B
■ Offered in Low Profile TSOT-23
package
APPLICATIONS
■ Cell Phones
■ Wireless and DSL Modems
■ DSC's
■ Portable Instruments
TYPICAL APPLICATION SCHEMATICS
Now Available in Lead Free Packaging
1.5MHz, 600mA Synchronous Buck Regulator
®
SP6659
4.7μF
Ceramic
VIN
GND
VOUT
10μF
Ceramic
VFB
SW
2.2μH
R1
R2
RUN
Cf
100pF
1
4
3
5
2
5
4
SP6659
5 Pin TSOT-23
VIN
GND
RUN
SW
VFB
1
2
3
5
4
SP6659
5 Pin TSOT-23
VIN
GND
RUN
SW
VOUT
1
2
3
Adjustable
Fixed
®
SP6659
4.7μF
Ceramic
VIN
GND
VOUT
10μF
Ceramic
VOUT
SW
2.2μH
RUN 1
4
3
5
2
Adjustable
Fixed


Similar Part No. - SP6659

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659EB SIPEX-SP6659EB Datasheet
95Kb / 3P
Evaluation Board Manual
SP6659EK1 SIPEX-SP6659EK1 Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1-1.5 SIPEX-SP6659EK1-1.5 Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1-1.8/TR SIPEX-SP6659EK1-1.8/TR Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
More results

Similar Description - SP6659

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com