Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6685 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6685
Description  700mA Buck/Boost Charge Pump LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6685 Datasheet HTML 7Page - Sipex Corporation SP6685 Datasheet HTML 8Page - Sipex Corporation SP6685 Datasheet HTML 9Page - Sipex Corporation SP6685 Datasheet HTML 10Page - Sipex Corporation SP6685 Datasheet HTML 11Page - Sipex Corporation SP6685 Datasheet HTML 12Page - Sipex Corporation SP6685 Datasheet HTML 13Page - Sipex Corporation SP6685 Datasheet HTML 14Page - Sipex Corporation SP6685 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Date: 7/6/06 Rev B
SP6685, 700mA Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
FUNCTIONAL DIAGRAM
THEORY OF OPERATION
RSET BLOCK
6
RSET
RSET
V=
{1.26V
RSET
}
x11.2kohms
+
-
1.26V
+
-
BG REF
RSET REF
RESISTOR
TAPS
50mV
4
FLASH
FLASH=1, S=1, RSET REF
FLASH=0, S=0, 50mV
1
0 s
MUX
2x1
FB REF
7
FB
SGN 8
FB
COM P
+
-
FB COMP
CLR
COUNTER
32 COUNT
ONE
SHOT
SET
DOMINANT
S
R
0
MODE SWITCH
0 =1X
1=2X
1
5
EN
VIN
135C ON
145C OFF
THERMAL FAULT
OVER TEMP COMP
CLK
CLK
2.4MHZ
CHARGE
PUMP
SWITCHES
PGND
C1
C2
VOUT
CLK
SP6685 auto detects a dropout condition,
which is when the FB pin is below the
regulation point for more than 32 cycles of
the internal clock, the SP6685 automati-
cally switches to the 2X mode. The SP6685
remains in the 2X mode until one of four
things happens: 1) the enable pin EN has
been toggled, 2) the Flash pin has changed
from high to low, 3) V
IN is cycled or,
4) a
thermal fault occurs.
The 2X mode is the charge pump mode
where the output can be pumped as high as
two times the input voltage, provided the
output does not exceed the maximum volt-
age for the SP6685, which is internally
limited to about 5.5V. In the 2X mode, as in
the 1X mode, the output current is regulated
by the voltage at the FB pin.
In the Torch mode, (Flash = GND) the Flash
pin is set to logic low and the SP6685 FB pin
regulates to 50mV output:
V
FB = 50mV (Torch Mode)
The SP6685 is a charge pump regulator
designed for converting a Li-Ion battery
voltage of 2.7V to 4.2V to drive a white LED
used in digital still camera Flash and Torch
applications. The SP6685 has two modes
of operation which are pin selectable for
either Flash or Torch. Flash mode is usually
used with a pulse of about 200 to 300
milliseconds to generate a high intensity
Flash. Torch can be used continuously at a
lower output current than Flash and is often
used for several seconds in a digital still
camera “movie” mode.
The SP6685 also has two modes of opera-
tion to control the output current: the 1X
mode and 2X mode. Operation begins after
the enable pin EN receives a logic high, the
bandgap reference wakes up after 200μsec,
and then SP6685 goes through a soft-start
mode designed to reduce inrush current.
The SP6685 starts in the 1X mode, which
acts like a linear regulator to control the
output current by continuously monitoring
the feedback pin FB. In 1X mode, if the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com