Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6691ER Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6691ER
Description  SOT23Micro Power Boost Regulator Series White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6691ER Datasheet(HTML) 4 Page - Sipex Corporation

  SP6691ER Datasheet HTML 1Page - Sipex Corporation SP6691ER Datasheet HTML 2Page - Sipex Corporation SP6691ER Datasheet HTML 3Page - Sipex Corporation SP6691ER Datasheet HTML 4Page - Sipex Corporation SP6691ER Datasheet HTML 5Page - Sipex Corporation SP6691ER Datasheet HTML 6Page - Sipex Corporation SP6691ER Datasheet HTML 7Page - Sipex Corporation SP6691ER Datasheet HTML 8Page - Sipex Corporation SP6691ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image

Jun26-07 Rev D
Micro Power Boost Regulator Series White LED Driver
© 2007 Sipex Corporation
PERFORMANCE CHARACTERISTICS
Refer to the typical application circuit, TAMB = 25°C, unless otherwise specified.
Figure 1. 12V Output Efficiency
Figure 2. 12V Output Load Regulation
Figure 3. 15V Output Efficiency
Figure 4. 15V Output Load Regulation
Figure 5. 18V Output Efficiency
Figure 6. 18V Output Load Regulation
Vout = 12V Efficiency
50
60
70
80
90
0
20
40
60
80
100
120 140
160
Iout (mA)
Vin =
5.0V
Vin =
4.2V
Vin =
3 3V
Vout = 12V Load Regulation
11.0
11.5
12.0
12.5
13.0
0
20
40
60
80
100 120 140 160
Iout (mA)
Vin =
5.0V
Vin =
4.2V
Vin =
3 3V
Vout = 15V Efficiency
50
60
70
80
90
0
20
40
60
80
100
120
Iout (mA)
Vin =
5.0V
Vin =
4.2V
Vin =
3.3V
Vi
Vout = 15V Load Regulation
14.0
14.5
15.0
15.5
16.0
0
20
40
60
80
100
120
Iout (mA)
Vin = 5.0V
Vin = 4.2V
Vin = 3.3V
Vin = 2.7V
Vout = 18V Efficiency
50
60
70
80
90
0
20
40
60
80
100
Iout (mA)
Vin =
5.0V
Vin =
4.2V
Vin =
3 3V
Vout = 18V Load Regulation
17.0
17.5
18.0
18.5
19.0
0
20
40
60
80
100
Iout (mA)
Vin =
5.0V
Vin =
4.2V
Vin =
3 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com