Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7648ER Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7648ER
Description  PackageLow Reference High efficiency Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648ER Datasheet(HTML) 1 Page - Sipex Corporation

  SP7648ER Datasheet HTML 1Page - Sipex Corporation SP7648ER Datasheet HTML 2Page - Sipex Corporation SP7648ER Datasheet HTML 3Page - Sipex Corporation SP7648ER Datasheet HTML 4Page - Sipex Corporation SP7648ER Datasheet HTML 5Page - Sipex Corporation SP7648ER Datasheet HTML 6Page - Sipex Corporation SP7648ER Datasheet HTML 7Page - Sipex Corporation SP7648ER Datasheet HTML 8Page - Sipex Corporation SP7648ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image

Mar16-06 Rev B
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
Solved by
TM
SP7648
FeaTUReS
■
True Shutdown
■
700mA Output Current at 3.3V Input; 4.2V
output
■
92% Efficiency from 2.7V IN to 3.3VOUT
■
Wide Input Voltage Range: 2.7V to 4.5V
■
5V Fixed or Adjustable Output
■
0.3 Switch
■
Integrated Synchronous Rectifier:0.3
■
Anti-Ringing Switch Technology
■
Programmable Inductor Peak Current
■
Logic Shutdown Control
■
Low 0.8V or 0.288V Reference Voltage
■
Small 10 pin DFN or MSOP Package
Low Reference High efficiency Boost Regulator
aPPLicaTiOnS
■
LED Driver
■
Camera Flash
■
Handheld Portable Devices
DeScRiPTiOn
The SP7648 is an ultra-low quiescent current, high efficiency step-up DC-DC converter ideal for
single cell Li-Ion or dual cell alkaline battery applications to drive various LEDs. The SP7648
combines low quiescent current and excellent light-load efficiency of PFM control. The SP7648
featuressynchronousrectification,a0.3 chargingswitch,ananti-ringinginductorswitch, under-
voltage lockout and programmable inductor peak current. The device can be shut down by a
1nA active LOW shutdown pin. A very low 0.288V reference voltage is optimized for driving a
constant current load.
TYPicaL aPPLicaTiOn ciRcUiT
Now Available in Lead Free Packaging
SP7648
10 Pin DFN
0
9
8
7
6

2
3
4
5
VOUT
LX
PGND
GND
FB
FLASH
SHDN
NC (Test)
RLIM
VBATT
®
4.7µH
Vin
SP7648
VBATT
FLASH
FB
LX
VOUT
NC
1.0K
On/OFF
0µF
SHDN
GND
0µF
PGND
0.33
RLIM
(2.7 - 4.5V)
FLaSH
470pF
RLIM
1K
R
R2
Q
D


Similar Part No. - SP7648ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7648ER SIPEX-SP7648ER Datasheet
236Kb / 12P
Low Reference High Efficiency Boost Regulator
SP7648ER/TR SIPEX-SP7648ER/TR Datasheet
236Kb / 12P
Low Reference High Efficiency Boost Regulator
More results

Similar Description - SP7648ER

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4890 MICRO-LINEAR-ML4890 Datasheet
256Kb / 12P
High Efficiency, Low Ripple Boost Regulator
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
SP7648 SIPEX-SP7648 Datasheet
236Kb / 12P
Low Reference High Efficiency Boost Regulator
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
High Efficiency Boost DC/DC Regulator
logo
Micrel Semiconductor
MIC2250 MICREL-MIC2250 Datasheet
528Kb / 13P
High Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250_10 Datasheet
886Kb / 13P
High-Efficiency Low EMI Boost Regulator
MIC2251 MICREL-MIC2251 Datasheet
886Kb / 13P
High-Efficiency Low EMI Boost Regulator
MIC2251_1105 MICREL-MIC2251_1105 Datasheet
875Kb / 14P
High-Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250_11 Datasheet
882Kb / 14P
High-Efficiency Low EMI Boost Regulator
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com