Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7648EU Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7648EU
Description  PackageLow Reference High efficiency Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648EU Datasheet(HTML) 2 Page - Sipex Corporation

  SP7648EU Datasheet HTML 1Page - Sipex Corporation SP7648EU Datasheet HTML 2Page - Sipex Corporation SP7648EU Datasheet HTML 3Page - Sipex Corporation SP7648EU Datasheet HTML 4Page - Sipex Corporation SP7648EU Datasheet HTML 5Page - Sipex Corporation SP7648EU Datasheet HTML 6Page - Sipex Corporation SP7648EU Datasheet HTML 7Page - Sipex Corporation SP7648EU Datasheet HTML 8Page - Sipex Corporation SP7648EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Mar16-06 Rev B
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
LX, Vo, VBATT, FLASHOUT, FB to GND pin ...................... -0.3 to 6.0V
SHDN, FLASH ..................................................... -0.3V to VBATT+1.0V
Vo, GND, LX Current ....................................................................... 2A
Reverse VBATTCurrent .............................................................. 220mA
Forward VBATTCurrent .............................................................. 500mA
Storage Temperature .................................................. -65 °C to 150°C
PaRaMeTeR
Min
TYP
MaX UniTS
cOnDiTiOnS
Input Voltage Operating Range, VBATT
2.7
-
4.5
V
After Startup
Output Voltage Range, VOUT
2.7
-
5.5
V
Under Voltage Lock-out/UVLO
0.5
0.61
0.7
V
Output Voltage, VO
4.6
5.0
5.4
V
Internal Feedback Divider
Shutdown Current into VO, ISDO
-

500
nA
VSHDN = ZeroV
Shutdown Current into VBATT, ISDB
-
250
750
nA
VSHDN = ZeroV, VBATT = 2.7V
Efficiency
92
-
%
-
VBATT = 2.7V, IOUT = 200mA, RLIM = 2k
Inductor Peak Current Limit, IPK
650
800
000
mA
RLIM = 2k , IPK = 1600/RLIM
600
mA
RLIM = 1k , IPK = 1600/RLIM
Output Current (Note 2)
-
800
-
mA
-
VBATT = 2.7V, RLIM =1k
-
400
-
mA
-
VBATT = 2.7V, RLIM =2k
-
200
-
mA
-
VBATT = 2.7V, RLIM = 4k
Minimum Off-Time Constant KOFF
0.5
1.0
1.5
V*µs
KOFF T OFF (VOUT - VBATT)
Maximum On-Time Constant KON
2.0
3.5
5.0
V*µs
KON T ON (VBATT)
Enable Valid to Output Stable (Note 3)
-
300
500
µ
s
-
ILOAD = mA
NMOS Switch Resistance
-
0.30
0.6
INMOS = 00mA
PMOS Switch Resistance
-
0.30
0.6
IPMOS = 00mA
FB Set Voltage, VFB
0.76
0.8
0.84
V
External feedback Flash = 0
0.266 0.288 0.310
V
External feedback Flash = 1
FB Input Current
-

00
nA
VFB =1.3V
SHDN Input Voltage (Note 1)
VIL
-
-
0.5
V
VBATT = 2.7V
VIH
2.0
-
-
VBATT = 2.7V
SHDN Input Current
-

00
nA
LX Pin Leakage
-
-
3
µ
A
-
FLASH Threshold V IL
-
-
0.4
V
VIH
1.0
-
-
V
eLecTRicaL SPeciFicaTiOnS
VBATT =VSHDN = 3.6V, VFB=ZeroV, ILOAD = 0mA, TAMB= -40°C to +85°C, VOUT = 5.0V, typical values at 27°C unless
otherwise noted. The denotes the specifications which apply over full operating temperature range -40ºC to +85°C, unless
otherwise specified.
Operating Temperature ................................................ -40°C to +85°C
ESD Rating ........................................................................ 1.5kV HBM
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
aBSOLUTe MaXiMUM RaTingS
note 1:SHDN must transition faster than 1V/100mS for proper operation.
note 2:Output Current I =
{VIN }XEfficiencyx{InductorPeakCurrent-InductorRippleCurrent}
VOUT
2
note 3:Guaranteed by Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com