Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9021 Datasheet(PDF) 3 Page - EPCOS

Part # B9021
Description  SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9021 Datasheet(HTML) 3 Page - EPCOS

  B9021 Datasheet HTML 1Page - EPCOS B9021 Datasheet HTML 2Page - EPCOS B9021 Datasheet HTML 3Page - EPCOS B9021 Datasheet HTML 4Page - EPCOS B9021 Datasheet HTML 5Page - EPCOS B9021 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Feb. 17, 2004Apr
SAW Components
B9021
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= 25˚C
± 2 ˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 50 Ω (balanced)
min.
typ.
max.
Center frequency
fC
1842,5
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
2,3
3,0
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
0,7
1,6
dB
Input VSWR
1805,0
... 1880,0
MHz
2,5
2,7
Output VSWR
1805,0
... 1880,0
MHz
2,3
2,5
Output phase balance (
φ(S31)−φ(S21)+180˚)
1805,0
... 1880,0
MHz
-15
-6 / +8
+15
degree
Output amplitude balance
(|S31/S21|)
1805,0
... 1880,0
MHz
-2,0
-1,2 / +1,2
2,0
dB
Attenuation
α
10,0
... 1400,0
MHz
35
39
dB
1400,0
... 1705,0
MHz
27
36
dB
1705,0
... 1785,0
MHz
14
16
dB
1920,0
... 1980,0
MHz
16
21
dB
1980,0
... 2000,0
MHz
23
27
dB
2000,0
... 2245,0
MHz
25
30
dB
2245,0
... 3400,0
MHz
30
34
dB
3400,0
... 6000,0
MHz
25
35
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com