Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7653 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7653
Description  Wide Input Voltage Range, 1.3MHz, Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7653 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7653_06 Datasheet HTML 1Page - Sipex Corporation SP7653_06 Datasheet HTML 2Page - Sipex Corporation SP7653_06 Datasheet HTML 3Page - Sipex Corporation SP7653_06 Datasheet HTML 4Page - Sipex Corporation SP7653_06 Datasheet HTML 5Page - Sipex Corporation SP7653_06 Datasheet HTML 6Page - Sipex Corporation SP7653_06 Datasheet HTML 7Page - Sipex Corporation SP7653_06 Datasheet HTML 8Page - Sipex Corporation SP7653_06 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image

Date: /20/06
SP7653 Wide Input Voltage Range, .3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
1
Date: 2/17/06
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
SP7653
FEATURES
■
2.5V to 20V Step Down Achieved Using Dual Input
■
Output Voltage down to 0.8V
■
3A Output Capability
■
Built in Low RDSON Power Switches (40 m typical)
■
Highly Integrated Design, Minimal Components
■
1.3MHz Fixed Frequency Operation
■
UVLO Detects Both VCC and VIN
■
Over Temperature Protection
■
Short Circuit Protection with Auto-Restart
■
Wide BW Amp Allows Type II or III Compensation
■
Programmable Soft Start
■
Fast Transient Response
■
High Efficiency: Greater than
95% Possible
■
Asynchronous Start-Up into a Pre-Charged Output
■
Small 7mm x 4mm DFN Package
■
U.S. Patent #6,922,041
Wide Input Voltage Range,
1.3MHz, Buck Regulator
The SP7653 is a synchronous step-down switching regulator optimized for high efficiency. The part is designed to be
especially attractive for dual supply, 12V to 20V distributed power systems stepped down with 5V used to power the
controller.ThislowerVCCvoltageminimizespowerdissipationinthepartandisusedtodrivethetopswitch.TheSP7653
is designed to provide a fully integrated buck regulator solution using a fixed 1.3MHz frequency, PWM voltage mode
architecture. Protection features include Under Voltage Lock Out (UVLO), thermal shutdown and output short circuit
protection. The SP7653 is available in the space saving DFN package
.
TYPICAL APPLICATION CIRCUIT
Now Available in Lead Free Packaging
DESCRIPTION
Power Blox TM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink pad 2
Connect to GND
Heatsink pad 3
Connect to VIN
PGND
PGND
GND
VFB
COMP
UVIN
GND
SS
VIN
LX
LX
LX
LX
VCC
GND
GND
GND
BST
NC
LX
LX
LX
DFN PACKAGE
7mm x 4mm
SP7653
PGND
VIN
VIN
VIN
CBST
1uF
R3
200k ,1%
L1 IHLP2525CZER2R2M01
2.2uH, Irate=8A
U2
SPX5205
VIN
1
GND
2
EN
3
BYP
4
VOUT
5
C1
22uF
CVCC
2.2uF
U1
SP7653
PGND
1
PGND
2
PGND
3
GND
4
VFB
5
COMP
6
UVIN
7
GND
8
SS
9
VIN
10
VIN
11
VIN
12
VIN
13
LX
14
LX
15
LX
16
NC
17
BST
18
GND
19
GND
20
GND
21
VCC
22
LX
23
LX
24
LX
25
LX
26
DBST
CSS
22nF
CP1
3.3pF
3.30V
0-3A
16V
R2
21.5k ,1%
GND
C3
47uF
ALL RESISTORS & CAPACITORS ARE SIZE
0603 UNLESS OTHERWISE SPECIFIED.
C3:
CERAMIC
X5R
C5
22uF
Notes:
6.3V
12V
DCR=18m
VIN
SD101AWS
U1 Bottom-Side Layout should have
three Contacts which are
isolated from one another: QT-
Drain Contact, QB-Drain Contact and
Controller-GND Contact.
RZ3
158 ,1%
VOUT
GND2
R4
100k ,1%
C2
0.1uF
C1,C5:
CERAMIC
X5R
16V
CZ3
820pF
CZ2
1.5nF
R1
68.1k ,1%
RZ2
38.3k , 1%
CF1
100pF
Fs=1.3MHz
RBST
5.11 ,
1%
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect to VIN
PGND
PGND
GND
VFB
COMP
NC
LX
LX
LX
LX
VCC
BST
LX
LX
LX
DFN PACKAGE
7mm x 4mm
SP7653
PGND
SS
GND
GND
GND
UVIN
VIN
VIN
VIN
VIN
GND


Similar Part No. - SP7653_06

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653ER SIPEX-SP7653ER Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
logo
Exar Corporation
SP7653ER EXAR-SP7653ER Datasheet
822Kb / 15P
1.3MHz, Buck Regulator
logo
Sipex Corporation
SP7653ER-L SIPEX-SP7653ER-L Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
logo
Exar Corporation
SP7653ER-L EXAR-SP7653ER-L Datasheet
822Kb / 15P
1.3MHz, Buck Regulator
logo
Sipex Corporation
SP7653ER-L/TR SIPEX-SP7653ER-L/TR Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
More results

Similar Description - SP7653_06

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7651 SIPEX-SP7651_07 Datasheet
1Mb / 15P
Wide Input Voltage Range 3Amp 900kHz Buck Regulator
SP7652 SIPEX-SP7652_06 Datasheet
1Mb / 16P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7655 SIPEX-SP7655_07 Datasheet
1Mb / 16P
Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7662 SIPEX-SP7662_07 Datasheet
1Mb / 19P
Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7663 SIPEX-SP7663_07 Datasheet
1Mb / 19P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com