Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7611AEC6/TR Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7611AEC6/TR
Description  2-4 Channel Low Dropout Linear LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7611AEC6/TR Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP7611AEC6/TR Datasheet HTML 4Page - Sipex Corporation SP7611AEC6/TR Datasheet HTML 5Page - Sipex Corporation SP7611AEC6/TR Datasheet HTML 6Page - Sipex Corporation SP7611AEC6/TR Datasheet HTML 7Page - Sipex Corporation SP7611AEC6/TR Datasheet HTML 8Page - Sipex Corporation SP7611AEC6/TR Datasheet HTML 9Page - Sipex Corporation SP7611AEC6/TR Datasheet HTML 10Page - Sipex Corporation SP7611AEC6/TR Datasheet HTML 11Page - Sipex Corporation SP7611AEC6/TR Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Apr20-07 RevS
SP7611A/7612A/7614A Low Dropout Linear LED driver
2007 Sipex Corporation
Page 8
APPLICATION INFORMATION
Setting the LED Current
The LED current is controlled by ICONTROL and
RSET according to the following formula:
I
LED
= Gain X (VCONTROL - VCTRL) / RSET
Gain depends on mode of operation
VCONTROL is the voltage going into RSET
VCTRL is the voltage at the pin of the device
The voltage VCTRL can be determined using the
I
SET
vs Control voltage graph located in the typical
performance
characteristics
section.
As
an
example, to set the LED current for an SP761x the
procedure is:
Take the LED current and divide it by the Gain to
get ISET = ILED / Gain.
Look up the VCTRL pin voltage using ISET on the
graph “Ctrl Current vs. Control Voltage”.
Once VCTRL is known, use the following formula to
find RSET. The gain is not linear, the LED current
vs. Cathode voltage graph needs to be used to
determine gain. Typically, the gain is ~870 for
SP7614A and ~435 for SP7611A/12A when the
part is operating in the linear region.
RSET = (VCONTROL - VCTRL) / ISET
RSET Example
For an SP7614A with VCONTROL of 3V and LED
current of 20mA.
I
SET
= 20mA/870 (870 is the typical gain in linear
operation) = 22uA.
Using the graph on page 5 in the typical
performance section, the VCTRL voltage on the
control pin will be about 1.1V, then RSET will be
determined by:
RSET = (3V - 1.1V) / 22uA
RSET = 86K
PWM FUNCTION
The LED's brightness can also be
adjusted by driving either the ENABLE or the
CTRL pin with a PWM signal. The driving signal
frequency should be greater than 100Hz to avoid
flickering, increasing to more than 1MHz, if
necessary.
Temperature Considerations
LEDs are very sensitive to temperature. In most
cases the maximum allowed junction temperature
is 100ºC. The case of overtemperature due to
power dissipation is de-scribed by the following:
TJ = TA + JA x I x VF
where TJ is the LED junction temperature,
TA is the ambient temperature,
JA
is the junction to ambient thermal resistance,
I is the LED current and
VF is the LED forward voltage.
When the temperature rises and the cathode
voltage increases, SP761X reduces the current
through LEDs. Refer to "LED Current vs. LED
Cathode Voltage" graph under the Typical
Performance Characteristics section.
Efficiency
The system efficiency, defined as the ratio
between the LED's power and the input supplied
power can be calculated as follows:
Efficiency = (VIN - VCATHODE) / VIN
The lower the VCATHODE , the higher the system
efficiency. Efficiency can be further improved
using a higher VIN with more LEDs as shown in
example 3.
The SP761X driver's low dropout
architecture
can
significantly
improve
the
efficiency compared to using simple ballast
resistors.
Application Information
The ultra-low voltage drop across the SP761X
series of LED drivers allows the devices to drive
white, blue, and other color LEDs in a wide range
of input voltages. The driver can be used in many



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com