Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9032 Datasheet(PDF) 4 Page - EPCOS

Part # B9032
Description  SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9032 Datasheet(HTML) 4 Page - EPCOS

  B9032 Datasheet HTML 1Page - EPCOS B9032 Datasheet HTML 2Page - EPCOS B9032 Datasheet HTML 3Page - EPCOS B9032 Datasheet HTML 4Page - EPCOS B9032 Datasheet HTML 5Page - EPCOS B9032 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Jul 21, 2005
SAW Components
B9032
881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet Sheet
Characteristics
Operating temperature range:
T
= -10 to +80 ˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 150 Ω (balanced) || 82nH
min.
typ.
max.
Center frequency
fC
—
881,5
—
MHz
Maximum insertion attenuation
α
max
869,0
... 894,0
MHz
—
1,5
1,81)
1) Maximum insertion attenuation from -30 to -10 & from +80 to +85
˚C is 2.0 dB
dB
Amplitude ripple (p-p)
∆α
869,0
... 894,0
MHz
—
0,4
0,8
dB
Input VSWR
vswrIN
869,0
... 894,0
MHz
—
1,6
2,0
Output VSWR
vswrOUT
869,0
... 894,0
MHz
—
1,6
2,0
Common mode Suppression
Ssc12
824,0
... 995,0
MHz
20
27
—
dB
1648,0
...1990,0
MHz
20
50
—
dB
3296,0
...3980,0
MHz
20
40
—
dB
Attenuation
α
0,0
... 450,0
MHz
45
57
—
dB
450,0
... 820,0
MHz
30
34
—
dB
820,0
... 849,0
MHz
30
34
—
dB
914,0
...1738,0
MHz
25
29
—
dB
1738,0
...1788,0
MHz
45
55
—
dB
1788,0
...4000,0
MHz
40
47
—
dB
4000,0
...6000,0
MHz
20
30
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com