Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7686 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP7686
Description  Constant Current Flash Driver in DFN 2mm x 3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7686 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP7686 Datasheet HTML 8Page - Sipex Corporation SP7686 Datasheet HTML 9Page - Sipex Corporation SP7686 Datasheet HTML 10Page - Sipex Corporation SP7686 Datasheet HTML 11Page - Sipex Corporation SP7686 Datasheet HTML 12Page - Sipex Corporation SP7686 Datasheet HTML 13Page - Sipex Corporation SP7686 Datasheet HTML 14Page - Sipex Corporation SP7686 Datasheet HTML 15Page - Sipex Corporation SP7686 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Jul16-07 RevP
SP7686: 500mA LED Driver
2007 Sipex Corporation
- 16 -
Ordering Information
Part Number
Package RoHS
MIN
Temp
(°C)
MAX
Temp
(°C)
Status
Pack Type /
Quantity
MSL Level
SP7686AER-L
DFN8
▪
-40
85
Active
Bulk
L1 @ 250ºC
SP7686AER-L/TR
DFN8
▪
-40
85
Active
Tape & Reel
3000
L1 @ 250ºC
SP7686ER-L
DFN8
▪
-40
85
Active
Bulk
L1 @ 250ºC
SP7686ER-L/TR
DFN8
▪
-40
85
Active
Tape & Reel
3000
L1 @ 250ºC
Solved by
TM
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Sipex Application Notes:
http://www.sipex.com/applicationNotes.aspx
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
tel: (408) 934-7500
fax: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not
assume any liability arising out of the application or use of any product or circuit described herein; neither
does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com