Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3375 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3375
Description  GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3375 Datasheet(HTML) 7 Page - RF Micro Devices

  RF3375_06 Datasheet HTML 1Page - RF Micro Devices RF3375_06 Datasheet HTML 2Page - RF Micro Devices RF3375_06 Datasheet HTML 3Page - RF Micro Devices RF3375_06 Datasheet HTML 4Page - RF Micro Devices RF3375_06 Datasheet HTML 5Page - RF Micro Devices RF3375_06 Datasheet HTML 6Page - RF Micro Devices RF3375_06 Datasheet HTML 7Page - RF Micro Devices RF3375_06 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-597
RF3375
Rev A7 050524
Reverse Isolation versus Frequency Across
Temperature
(ICC=65mA)
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
Frequency (MHz)
-40C
25C
85C
Junction Temperature versus Power Dissipated
(TAMBIENT=+85°C)
100.000
110.000
120.000
130.000
140.000
150.000
160.000
170.000
180.000
0.250
0.275
0.300
0.325
0.350
0.375
0.400
Power Dissipated (Watts)
Power Dissipation versus Device Voltage Across Temperature
(TAMBIENT=+85°C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
4.60
4.70
4.80
4.90
5.00
5.10
5.20
VPIN (V)
Bias Current versus Supply Voltage Across Temperature
(At Evaluation Board Connector, RBIAS=22Ω)
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
5.75.9
6.16.3
6.56.7
6.97.1
7.37.5
7.7
VCC (V)
-40C
25C
85C
Bias Current versus Devices Voltage Across Temperature
(At Pin 3 of the RF3375)
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
4.6
4.8
5.0
5.2
5.4
5.6
5.8
VPIN (V)
-40C
25C
85C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com