Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9415 Datasheet(PDF) 3 Page - EPCOS

Part # B9415
Description  SAW filter 1575.42 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9415 Datasheet(HTML) 3 Page - EPCOS

  B9415 Datasheet HTML 1Page - EPCOS B9415 Datasheet HTML 2Page - EPCOS B9415 Datasheet HTML 3Page - EPCOS B9415 Datasheet HTML 4Page - EPCOS B9415 Datasheet HTML 5Page - EPCOS B9415 Datasheet HTML 6Page - EPCOS B9415 Datasheet HTML 7Page - EPCOS B9415 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 16, 2006
B9415
1575.42 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
—
0.6
1.01)
1) 0.9dB max. at -30 ˚C ... 75 ˚C
dB
dB
Amplitude ripple (p-p)
∆α
1574.42 ... 1576.42 MHz
—
0.0
0.3
dB
Input VSWR
1574.42 ... 1576.42 MHz
—
1.2
1.62)
2) 1.5 max. at -30 ˚C ... 75 ˚C
Output VSWR
1574.42 ... 1576.42 MHz
—
1.2
1.63)
3) 1.5 max. at -30 ˚C ... 75 ˚C
Attenuation
α
500.0
...
894.0
MHz
16
18
—
dB
894.0
... 1500.0
MHz
15
17
—
dB
1650.0
... 4000.0
MHz
17
19
—
dB
4000.0
... 6000.0
MHz
15
20
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com