Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9422 Datasheet(PDF) 3 Page - EPCOS

Part # B9422
Description  SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9422 Datasheet(HTML) 3 Page - EPCOS

  B9422 Datasheet HTML 1Page - EPCOS B9422 Datasheet HTML 2Page - EPCOS B9422 Datasheet HTML 3Page - EPCOS B9422 Datasheet HTML 4Page - EPCOS B9422 Datasheet HTML 5Page - EPCOS B9422 Datasheet HTML 6Page - EPCOS B9422 Datasheet HTML 7Page - EPCOS B9422 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 17, 2006
B9422
881.5 MHz
SAW Components
Low-Loss Filter for Mobile Communication
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
-10 to +85 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL = 100 Ω (balanced)
B9422
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
881.5
—
MHz
Maximum insertion attenuation
α
max
869.0 ...
894.0
MHz
—
1.3
2.0
dB
Amplitude ripple (p-p)
∆α
869.0 ...
894.0
MHz
—
0.5
1.2
dB
Input VSWR
869.0 ...
894.0
MHz
—
1.7
2.0
Output VSWR
869.0 ...
894.0
MHz
—
1.8
2.0
Output amplitude balance (|S31/S21|)
869.0 ...
894.0
MHz
-1.0
-0.5/0.5
1.0
dB
Output phase balance (
φ(S
31)−φ(S21)+180˚)
869.0 ...
894.0
MHz
-5
-1/+2
5
˚
Common mode suppression
Scs21
869.0 ...
894.0
MHz
20
30
—
dB
824.0 ...
995.0
MHz
20
25
—
dB
1648.0 ... 1990.0
MHz
20
40
—
dB
3296.0 ... 3980.0
MHz
20
29
—
dB
Attenuation
α
0.3 ...
480.0
MHz
45
55
—
dB
480.0 ...
820.0
MHz
30
35
—
dB
820.0 ...
849.0
MHz
23
35
—
dB
914.0 ... 1738.0
MHz
23
30
—
dB
1738.0 ... 2400.0
MHz
30
45
—
dB
2400.0 ... 2500.0
MHz
40
46
—
dB
2500.0 ... 5150.0
MHz
30
43
—
dB
5150.0 ... 5825.0
MHz
40
48
—
dB
5825.0 ...12750.0
MHz
———
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com