Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3865 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3865
Description  WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3865 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3865 Datasheet HTML 1Page - RF Micro Devices RF3865 Datasheet HTML 2Page - RF Micro Devices RF3865 Datasheet HTML 3Page - RF Micro Devices RF3865 Datasheet HTML 4Page - RF Micro Devices RF3865 Datasheet HTML 5Page - RF Micro Devices RF3865 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
NC
NC
RF IN
NC
AC GND1
AC GND2
NC
RF OUT
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
RF3865
WIDE BANDWIDTH, HIGH LINEARITY
LOW NOISE AMPLIFIER/LINEAR DRIVER
The RF3865 is a low noise amplifier with a high output IP3. The amplifier
is self-biased from a single voltage supply with 50
Ω input and output
ports. The useful frequency range is from 700MHz to 3800MHz. A 1dB
noise figure and 36dBm OIP3 performance is achieved with a 5V VDD,
180mA. Current can be increased to raise OIP3 while having minimal
effect on noise figure. The IC is featured in a standard QFN, 20-pin,
5mmx5mm package.
Features
Low Noise and High Intercept
Point
Adjustable Bias Current
Single 2.5V to 6.0V Power
Supply
700MHz to 3800MHz Opera-
tion
QFN20, 5mmx5mm Package
Applications
WiMAX LNA or Linear Driver
CDMA, PCS, ECS, UMTS LNA
WLAN LNA
High Gain Linear Amplifica-
tion
RF3865
Wide Bandwidth, High Linearity Low Noise Amplifier/Linear
Driver
RF3865PCK-410
Fully Assembled Evaluation Board with 5 Sample Parts
1.8GHz to 3.8GHz
RF3865PCK-411
700MHz to 1100MHz
Rev A0 DS070622
Package Style: QFN, 20-Pin, 5mmx5mm


Similar Part No. - RF3865

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3861 RFMD-RF3861 Datasheet
146Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861PCK-410 RFMD-RF3861PCK-410 Datasheet
146Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861PCK-411 RFMD-RF3861PCK-411 Datasheet
146Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861PCK-412 RFMD-RF3861PCK-412 Datasheet
146Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
More results

Similar Description - RF3865

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF3866 RFMD-RF3866 Datasheet
150Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
RF3867 RFMD-RF3867 Datasheet
164Kb / 8P
DUAL-CHANNEL, WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861 RFMD-RF3861 Datasheet
146Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
logo
Infineon Technologies A...
BFR380F INFINEON-BFR380F_13 Datasheet
652Kb / 10P
High linearity low noise driver amplifier
2013-11-06
logo
RF Micro Devices
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
High Linearity Low Noise Amplifier
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
Low noise high linearity amplifier
Rev. 7-8 June 2017
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
low-noise high-linearity amplifier
Rev. 2-24 January 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com