Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3866 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3866
Description  WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3866 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3866 Datasheet HTML 1Page - RF Micro Devices RF3866 Datasheet HTML 2Page - RF Micro Devices RF3866 Datasheet HTML 3Page - RF Micro Devices RF3866 Datasheet HTML 4Page - RF Micro Devices RF3866 Datasheet HTML 5Page - RF Micro Devices RF3866 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
RF3866
Rev A0 DS070622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
R3 is DNP for standard 180mA current draw. If R3 is added, the IDD will increase. A 20Ω R3 will raise the current to achieve
higher linearity.
C5
R5
L2
R1
0
Ω
C3
C4
VD1
VD2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
L3
R2
RF IN
C7
RF OUT
L1
C1
10 nF
C2
10 nF
R3
C8
C6
L4
Components
C3 (pF)
C4 (pF)
C5 (pF)
700-1100 MHz
10
10
100
1.8-3.8 GHz
C7 (pF)
L1 (nH)
L2 (nH)
L3 (nH)
DNP
12
8.2
18
18
18
100
10
8.2
4.7
4.7
R2 (ohm)
R3 (ohm)
0
DNP
0
DNP
R5 (ohm)
6.8 pF
15 pF
L4 (nH)
DNP
DNP
C8 (pF)
DNP
0.5
C6 (pF)
DNP
DNP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com