Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5117C Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5117C
Description  3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5117C Datasheet(HTML) 2 Page - RF Micro Devices

  RF5117C Datasheet HTML 1Page - RF Micro Devices RF5117C Datasheet HTML 2Page - RF Micro Devices RF5117C Datasheet HTML 3Page - RF Micro Devices RF5117C Datasheet HTML 4Page - RF Micro Devices RF5117C Datasheet HTML 5Page - RF Micro Devices RF5117C Datasheet HTML 6Page - RF Micro Devices RF5117C Datasheet HTML 7Page - RF Micro Devices RF5117C Datasheet HTML 8Page - RF Micro Devices RF5117C Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2-574
RF5117C
Rev A5 060517
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Power Control Voltage (VREG)
-0.5 to 3.5
V
DC Supply Current
600
mA
Input RF Power
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
JEDEC Level 2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=3.0V, VREG=2.7V,
Freq=2450MHz, circuit per evaluation board
schematic.
Frequency Range
1800 to 2800
MHz
Maximum Linear Output Power
With 802.11B modulation (11Mbit/s) and
meeting 802.11B spectral mask.
VCC=3.0V
22
dBm
VCC=5.0V
27
dBm
Linear Efficiency
25
%
Error Vector Magnitude (EVM)
2.5
%
PO=17dBm, EVM increases over 11g,
54MBPS signal input
Small Signal Gain
24
26
28.5
dB
PIN=-7dBm
Reverse Isolation
30
dB
Second Harmonic
-35
dBc
802.11B Adjacent Channel
Power
-38
-32
dBc
POUT=21dBm, VCC=3.0V
Alternate Channel Power
-56
-52
dBc
POUT=21dBm, VCC=3.0V
Isolation
35
45
dB
In “OFF” state, PIN=-5.0dBm
Input Impedance
50
Ω
With external matching
Input VSWR
2:1
With external matching
Power Down
VREG “ON”
2.1
2.7
3.0
V
Voltage supplied to control input; device is
“ON”
VREG “OFF”
0
0.5
V
Voltage supplied to control input; device is
“OFF”
Power Supply
Operating Voltage
3.0 to 5.0
V
Current Consumption
500
mA
At max output power
200
220
mA
POUT=21dBm, VCC=3.0V
110
mA
Idle current, VCC=3.0V, VREG=2.7V
VREG Current (Total)
5
10
mA
VCC=3.0V
10
15
mA
VCC=5.0V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).
Refer to “Handling of PSOP and PSSOP Products”
on page 16-15 for special handling information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com