Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5188 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5188
Description  3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5188 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5188 Datasheet HTML 1Page - RF Micro Devices RF5188 Datasheet HTML 2Page - RF Micro Devices RF5188 Datasheet HTML 3Page - RF Micro Devices RF5188 Datasheet HTML 4Page - RF Micro Devices RF5188 Datasheet HTML 5Page - RF Micro Devices RF5188 Datasheet HTML 6Page - RF Micro Devices RF5188 Datasheet HTML 7Page - RF Micro Devices RF5188 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2-2
RF5188
Rev A4 060310
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
V
Supply Voltage (POUT≤31dBm)
+5.2
V
Control Voltage (VREG)+3.9
V
Input RF Power
+10
dBm
Mode Voltage (VMODE)+3.9
V
Operating Temperature
-30 to +110
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity Level
(IPC/JEDEC J-STD-20)
MSL 2 @ 260
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Gain Mode (VMODE
Low)
T=25oC Ambient, VCCBIAS=3.4V,
VCC=3.4V, VREG=2.8V, VMODE=0V, and
POUT=27.5dBm for all parameters (unless
otherwise specified). Modulation is 3GPP
3.2 03-00 DPCCH+1DPDCH.
Operating Frequency Range
1920
1980
MHz
Linear Gain
26
28.5
32
dB
Harmonics
-10
dBm
f=2fo, 3fo
Maximum Linear Output
27.5
dBm
Linear Efficiency
38
42
47
%
Maximum ICC
352
394
435
mA
ACLR1 @ ±5MHz
-42
-37
dBc
ACLR2 @ ±10MHz
-53
-48
dBc
Input VSWR
1.7:1
Output VSWR Stability
Ruggedness
6:1
No oscillation>-70dBc
10:1
No damage
Noise Power
-150
dBm/Hz
-50<POUT<+27.5dBm, RX=925MHz to
960MHz (EGSM)
-133
dBm/Hz
-50<POUT<+27.5dBm, RX=1805MHz to
1880MHz (DCS)
-140
dBm/Hz
-50<POUT<+27.5dBm, RX=2110MHz to
2170MHz (W-CDMA), TX/RX
Offset=130MHz
-143
dBm/Hz
-50<POUT<+27.5dBm, RX=2110MHz to
2170MHz (W-CDMA), TX/RX
Offset=190MHz
-147
dBm/Hz
-50<POUT<+27.5dBm, RX=2400MHz to
2480MHz (Bluetooth)
-107
dBm/Hz
-50<POUT<+27.5dBm, TX=1932.3MHz to
1980MHz, RX=1893.5MHz to 1919.6MHz
(PHS)
IM Products
IM 5MHz
-31
dBc
IF offset fO+5MHz with CW signal=-40dBc
IM 10MHz
-41
dBc
IF offset fO+10MHz with CW signal=-40dBc
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com