Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5924 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5924
Description  3.7V, SINGLE-BAND FRONT-END MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5924 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5924 Datasheet HTML 1Page - RF Micro Devices RF5924 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8-1
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
pHEMT
RX IN+
RX IN-
P_DETECT
VCC
PA_EN
TX IN
OUT
ANSW-P
ANSW-M
Balun
D3-Chip
D1-Chip
Power
Amplifier
PA Filter
D2-Chip
Switch
12
13
4
5
15
2
6
7
8
10
11
9
RF5924
3.7V, SINGLE-BAND FRONT-END MODULE
• IEEE802.11b/g WLAN Applications
• Single-Chip RF Front-End Module
• 2.5GHz ISM Bands Applications
• Wireless LAN Systems
• Portable Battery-Powered Equipment
• Opt. Bluetooth Sharing of Single Antenna Port
The RF5924 FEM is a single integrated module for high-
performance WLAN applications in the 2.4GHz to
2.5GHz ISM band. The FEM has integrated b/g power
amplifier, power detector, RX balun, and TX filtering. Also,
it is capable of switching between WLAN RX, WLAN TX
and BTH RX/TX operations. It has low insertion loss at
the 2.4GHz to 2.5GHz WLAN and BTH paths. The device
is provided in a 3.5mmx3.5mm, 16-pin package. This
module meets or exceeds the RF front-end needs of
802.11b/g WLAN RF systems.
• Single-Module Radio Front-End
• Single Supply Voltage 3.1V to 4.5V
• Integrated 2.5GHz b/g Amplifier,
RX Balun and Switch
•POUT=16dBm, 11g, OFDM<3.3% EVM
RF5924
3.7V, Single-Band Front-End Module
RF5924PCBA-41X Fully Assembled Evaluation Board
0
Rev A6 061018
3.50
± 0.10
3.50
± 0.10
1
0.450
± 0.075
1.40
1.25
2.650 TYP
3.400 TYP
1.950 TYP
2.700
0.800
1.250 TYP
0.500 TYP
0.000
0.100 TYP
0.850 TYP
1.550 TYP
1.700 TYP
1.800 TYP
2.250 TYP
2.765
2.935
3.000 TYP
1
Shaded areas represent Pin 1.
Dimensions in mm.
Package Style: 3.5mmx3.5mm
RoHS Compliant & Pb-Free Product


Similar Part No. - RF5924

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5924 RFMD-RF5924 Datasheet
243Kb / 14P
3.7V, SINGLE-BAND FRONT-END MODULE
RF5924PCBA-41X RFMD-RF5924PCBA-41X Datasheet
243Kb / 14P
3.7V, SINGLE-BAND FRONT-END MODULE
RF5924 RFMD-RF5924_1 Datasheet
243Kb / 14P
3.7V, SINGLE-BAND FRONT-END MODULE
More results

Similar Description - RF5924

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
logo
RF Micro Devices
RF5924 RFMD-RF5924_1 Datasheet
243Kb / 14P
3.7V, SINGLE-BAND FRONT-END MODULE
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF3388 RFMD-RF3388 Datasheet
93Kb / 2P
3.7V, DUAL-BAND FRONT-END MODULE
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RF5745 RFMD-RF5745 Datasheet
435Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
Dual-Band 802.11ac Front-End Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com