Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF7115PCBA-41X Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF7115PCBA-41X
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115PCBA-41X Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF7115PCBA-41X Datasheet HTML 9Page - RF Micro Devices RF7115PCBA-41X Datasheet HTML 10Page - RF Micro Devices RF7115PCBA-41X Datasheet HTML 11Page - RF Micro Devices RF7115PCBA-41X Datasheet HTML 12Page - RF Micro Devices RF7115PCBA-41X Datasheet HTML 13Page - RF Micro Devices RF7115PCBA-41X Datasheet HTML 14Page - RF Micro Devices RF7115PCBA-41X Datasheet HTML 15Page - RF Micro Devices RF7115PCBA-41X Datasheet HTML 16Page - RF Micro Devices RF7115PCBA-41X Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
11-377
RF7115
Rev A0 060808
Talk time and power management are key concerns in transmitter design since the power amplifier is the leading current
consumer in a mobile terminal. Considering only the power amplifier's efficiency does not provide a true picture for the
total system efficiency. It is important to consider effective efficiency which is represented by
η
EFF. (ηEFF considers the
loss between the PA and antenna and is a more accurate measurement to determine how much current will be drawn in
the application).
η
EFF is defined by the following relationship (Equation 2):
(Eq. 2)
Where PPA is the output power from the PA, PLOSS the insertion loss and PIN the input power to the PA. The RF7115
improves the effective efficiency by minimizing the PLOSS term in the equation. An ASM may have a typical loss of 1.2dB
in LB and 1.4dB in high band. To be added to this is trace losses and mismatch losses. A post PA loss of 1.5dB in LB
and 1.8dB in HB is common. With the integration of a low loss pHEMT switch and matching network in the same module,
higher system efficiency can be achieved.
Output power does not vary due to supply voltage under normal operating conditions if VRAMP is sufficiently lower than
VBATT. By regulating the collector voltage to the PA the voltage sensitivity is essentially eliminated. This covers most
cases where the PA will be operated. However, as the battery discharges and approaches its lower power range the
maximum output power from the PA will also drop slightly. In this case, it is important to also decrease VRAMP to prevent
the power control from inducing switching transients. These transients occur as a result of the control loop slowing down
and not regulating power in accordance with VRAMP. The relationship for VRAMPMAX based on VBATT is expressed in
equation 3.
(Eq. 3)
The components following the power amplifier often have insertion loss variation with respect to frequency. Usually, there
is some length of microstrip that follows the power amplifier. There is also a frequency response found in directional cou-
plers due to variation in the coupling factor over frequency, as well as the sensitivity of the detector diode. Since the
RF7115 does not use a directional coupler with a diode detector, these variations do not occur. Also the TX/RX switch
with low pass filters that usually follows the PA may contribute to frequency variation. The TX/RX switch incorporated in
the RF7115 is very broadband and does not contribute to frequency roll off. Traditionally working with PA modules, some
matching network is necessary between the PA output and the input of the TX/RX switch in order to get best possible
performance. This work no longer has to be carried out, as this matching network is included in the RF7115.
Noise power in PA's where output power is controlled by changing the bias voltage is often a problem when backing off of
output power. The reason is that the gain is changed in all stages and according to the noise formula (Equation 4),
(Eq. 4)
the noise figure depends on noise factor and gain in all stages. Because the bias point of the RF7115 is kept constant
the gain in the first stage is always high and the overall noise power is not increased when decreasing output power.
Power control loop stability often presents many challenges to transmitter design. Designing a proper power control loop
involves trade-offs affecting stability, transient spectrum and burst timing.
η
EFF
10
P
PA
P
LOSS
+
10
------------------------------
10
P
IN
10
--------
–
V
BAT
I
BAT
10
⋅⋅
-------------------------------------------------
=
V
RAMPMAX
3
8
---
V
BATT
0.15
1.5V
≤
+
×
=
F
TOT
F1
F21
–
G1
----------------
F31
–
G1 G2
⋅
-------------------
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com