Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1004 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1004
Description  1.2V / 2.5V Micropower Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1004 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1004 Datasheet HTML 1Page - Sipex Corporation SPX1004 Datasheet HTML 2Page - Sipex Corporation SPX1004 Datasheet HTML 3Page - Sipex Corporation SPX1004 Datasheet HTML 4Page - Sipex Corporation SPX1004 Datasheet HTML 5Page - Sipex Corporation SPX1004 Datasheet HTML 6Page - Sipex Corporation SPX1004 Datasheet HTML 7Page - Sipex Corporation SPX1004 Datasheet HTML 8Page - Sipex Corporation SPX1004 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Date: 05/17/07
SPX1004 1.2V/2.5V Micropower Voltage Reference
© Copyright 2007 Sipex Corporation
SPX1004
APPLICATIONS
■ A/D and D/A Reference
■ Reference for 5V Systems
■ Digital Voltmeter
■ Power Supply Monitor
BLOCK DIAGRAMS
1.2V / 2.5V Micropower Voltage Reference
Figure 1a. SPX1004-1.2 Block Diagram
Figure 1b. SPX1004-2.5 Block Diagram
1.235V
+
-
Cathode (K)
Anode (A)
+
-
Cathode (K)
Anode (A)
1.250V
500k
500k
The SPX1004 is a 2-terminal bandgap precision voltage reference that provides a stable
fixed output voltage of 1.2V and 2.5V with a tolerance of ±10mV for SPX1004-1.2 and ±20mV
for SPX1004-2.5. Design, process and precision on chip trimming yield a very low tempera-
ture coefficient of 25 ppm/°C.
The SPX1004 can be used as a pin-to-pin replacement for the LT1004, LM1004 or AS1004.
The SPX1004 is available in SOT-89, NSOIC-8 and TO-92 packages over the operating
temperature range of 0°C to 70°C.
DESCRIPTION
1
2
3
4
5
6
7
8
SPX1004
8 Pin
NSOIC
CATHODE
N/C
ANODE
CATHODE
N/C
N/C
N/C
ANODE
■ Lead Free, RoHS Compliant
Packages
FEATURES
■ Initial Voltage Tolerance:
SPX1004-1.2 = ±10mV
SPX1004-2.5 = ±20mV
■ Low Dynamic Impedance
0.6 Ω Max.
■ Low Operating Current:
SPX1004-1.2 = ±10µA
SPX1004-2.5 ±20µA
■ Wide Operating Current Range
0.6 Ω Max.
■ Direct Replacement for LT1004,
LM1004 and AS1004


Similar Part No. - SPX1004

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
146Kb / 5P
Precision Voltage Reference
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
1.2V / 2.5V Micropower Voltage Reference
SPX1004M1-1.2 SIPEX-SPX1004M1-1.2 Datasheet
176Kb / 5P
1.2V / 2.5V Micropower Voltage Reference
SPX1004M1-1.2/TR SIPEX-SPX1004M1-1.2/TR Datasheet
176Kb / 5P
1.2V / 2.5V Micropower Voltage Reference
SPX1004M1-2.5 SIPEX-SPX1004M1-2.5 Datasheet
176Kb / 5P
1.2V / 2.5V Micropower Voltage Reference
More results

Similar Description - SPX1004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2000
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004 Datasheet
82Kb / 9P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Microsemi Corporation
LX1004 MICROSEMI-LX1004 Datasheet
151Kb / 7P
1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
1.2V / 2.5V Micropower Voltage Reference
logo
List of Unclassifed Man...
LM385 ETC-LM385 Datasheet
154Kb / 7P
1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004_08 Datasheet
249Kb / 12P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
logo
Texas Instruments
REF1004 TI1-REF1004 Datasheet
254Kb / 12P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com