Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1129 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1129
Description  400mA Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1129 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1129 Datasheet HTML 1Page - Sipex Corporation SPX1129 Datasheet HTML 2Page - Sipex Corporation SPX1129 Datasheet HTML 3Page - Sipex Corporation SPX1129 Datasheet HTML 4Page - Sipex Corporation SPX1129 Datasheet HTML 5Page - Sipex Corporation SPX1129 Datasheet HTML 6Page - Sipex Corporation SPX1129 Datasheet HTML 7Page - Sipex Corporation SPX1129 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Mar3-07
SPX29 400 mA Low Dropout Linear Regulator
© 2007 Sipex Corporation
Power Dissipation ........................................................ Internally Limited
Lead Temp. (Soldering, 5 Seconds) ............................................. 260°C
Storage Temperature Range ........................................ -65°C to +150°C
Operating Junction Temperature Range ....................... -40°C to +125°C
Input Supply Voltage .......................................................... -20V to +20V
ESD Rating ................................................................................ 2kV Min
ELECTRICAL CHARACTERISTICS
Electrical characteristics at V
IN = 6V, IO = 1mA, COUT = 2.2µF, TA= 25°C, unless otherwise specified. Boldface applies over
the full operating temperature range.
PARAMETER
CONDITIONS
TYP
MIN
MAX
UNITS
(Note 2)
3.3V Version
Output Voltage
3.3
3.267
3.333
V
1mA I
L 400mA
3.3
3.217
3.382
Reverse Output Current
V
OUT= 3.3V, VIN= 0V
16
25
µA
5.0V Version
Output Voltage
5.0
4.950
5.050
V
1mA I
L 400mA
5.0
4.880
5.120
Reverse Output Current
V
OUT= 5.0V, VIN= 0V
16
25
µA
All Voltage Options
Output Voltage
20
100
ppm/°C
Temperature Coefficient
(Note1)
Line Regulation
6V V
IN 20V (Note 4)
1.5
10
mV
Load Regulation (Note 3)
I
L=1 to 400mA
6
20
mV
30
Dropout Voltage (Note 5)
I
L=1mA
0.13
0.17
V
0.25
I
L=400mA
0.42
0.55
0.70
Ground Current
I
L=1mA
100
200
µA
I
L=10mA
350
500
I
L=50mA
1.5
3
mA
I
L=100mA
2
6
I
L=400mA
7
25
Current Limit
V
OUT=0
330
800
mA
Ripple Rejection
V
IN -VOUT=1V(Avg),
58
50
dB
V
RIPPLE=0.5Vp-p, FRIPPLE=120Hz,
I
LOAD=400mA, TJ= 25°C
Input Reverse Leakage Current
V
IN= -20V, VOUT=0V
1.0
mA
Note 1: Output or reference voltage temperature coefficients defined as the worst case voltage change divided by
the total temperature range.
Note 2: Unless otherwise specified all limits are guaranteed for T
j= 25 °C, VIN= 6V, I L= 1mA and C L= 2.2 µF.
Note 3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes
in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 4: Line regulation for the SPX1129 is tested at 25°C for I
L = 1 mA. For TJ = 125°C, line regulation is guaranteed
by design.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below
its nominal value measured at 1V differential.
Thermal Resistance JA
TO-263 ............................................................................. 31.4°C/W
TO-220 ............................................................................. 29.4°C/W
SOT-223 .......................................................................... 62.3°C/W
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com