Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1587 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1587
Description  3A Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1587 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1587 Datasheet HTML 1Page - Sipex Corporation SPX1587 Datasheet HTML 2Page - Sipex Corporation SPX1587 Datasheet HTML 3Page - Sipex Corporation SPX1587 Datasheet HTML 4Page - Sipex Corporation SPX1587 Datasheet HTML 5Page - Sipex Corporation SPX1587 Datasheet HTML 6Page - Sipex Corporation SPX1587 Datasheet HTML 7Page - Sipex Corporation SPX1587 Datasheet HTML 8Page - Sipex Corporation SPX1587 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Jun8-07 Rev D
SPX587 Low-Dropout Voltage Regulator
© 2007 Sipex Corporation
Power Dissipation.......................................Internally Limited
Lead Temperature (soldering, 5 seconds) ................ 260°C
Storage Temperature Range.......................-65°C to +150°C
Operating Junction Temperature Range.....-40°C to +125°C
Input Supply Voltage .................................................... +10V
Input to Output Voltage ................................................ +8.8V
ESD Rating .............................................................. 2kV min
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX UNITS
CONDITIONS
1.5V Version
SPX1587A
SPX1587
Output Voltage
1.485 1.500 1.515
1.470 1.500 1.530
V
IOUT = 10mA, VIN =3.5V
1.470
1.530
1.455
1.545
10mA I OUT 3A, 3.0V V IN 10V
1.8V Version
Output Voltage
1.782 1.800 1.818
1.764 1.800 1.836
V
IOUT = 10mA, VIN =3.8V
1.764
1.836
1.746
1.854
10mA I OUT 3A, 3.3V V IN 10V
2.5V Version
Output Voltage
2.475 2.500 2.525
2.450 2.500 2.550
V
IOUT = 10mA, VIN =4.5V
2.450
2.550
2.425
2.575
10mA I OUT 3A, 4.25V V IN 10V
3.3V Version
Output Voltage
3.267 3.300 3.333
3.234 3.300 3.366
V
IOUT = 10mA, VIN =5V
3.234
3.366
3.201
3.399
10mA I OUT 3A, 4.75V V IN 10V
5.0V Version
Output Voltage
4.950 5.000 5.050
4.900 5.000 5.100
V
IOUT=10mA, VIN=7V
4.900
5.100
4.850
5.150
10mA I OUT 3A, 6.50V V IN 10V
All Voltage Options
Reference Voltage
1.238 1.250 1.262
1.225 1.250 1.275
V
IOUT=10mA, (VIN - VOUT )= 2V
1.225
1.275
1.212
1.287
10mA IOUT 3A, 1.5V (VIN-VOUT) 10V
Output Voltage
0.3
0.5
%
Temperature Stability
Line Regulation
0.1
0.2
0.1
0.2
%
3.0V VIN 10V,VOUT=1.5V
0.1
0.2
0.1
0.2
3.3V VIN 10V,VOUT=1.8V
0.1
0.2
0.1
0.2
4.25V VIN 10V,VOUT=2.5V
0.1
0.2
0.1
0.2
4.75V VIN 10V,VOUT=3.3V
0.1
0.2
0.1
0.2
6.50V VIN 10V,VOUT=5.0V
Load Regulation
0.1
0.3
0.1
0.3
%
10mA IOUT 3A, VOUT=1.5V
0.1
0.3
0.1
0.3
10mA IOUT 3A, VOUT=1.8V
0.1
0.3
0.1
0.3
10mA IOUT 3A, VOUT=2.5V
0.1
0.3
0.1
0.3
10mA IOUT 3A, VOUT=3.3V
0.1
0.3
0.1
0.3
10mA IOUT 3A, VOUT=5.0V
Dropout Voltage
1.00
1.00
V
IOUT=1A
(Note 2)
1.05
1.05
IOUT=2A
1.10
1.2
1.10
1.2
IOUT=3A
Minimum Load Current
4
10
4
10
mA
(Note 4)
Quiescent Current
4
10
4
10
mA
Fixed voltage versions
Adjust Pin Current
50
50
µ
A
120
120
Current Limit
3.2
5
3.2
5
A
(VIN-VOUT)=2V
Thermal Regulation
0.01
0.1
0.01
0.1
%/W
25°C, 30mS pulse
Ripple Rejection
60
75
60
75
dB
FRIPPLE=120Hz, (VIN-VOUT)=2V,
VRIPPLE=1VPP
Long Term Stability
0.03
0.03
%
125°C, 1000Hrs
RMS Output Noise
0.003
0.003
%
% of VOUT, 10Hz f 10kHz
Thermal Resistance
3
3
°
C/W
TO-220 Junction to Case, at Tab
29.4
29.4
TO-220 Junction to Ambient
3
3
TO-263 Junction to Case, at Tab
31.4
31.4
TO-263 Junction to Ambient
6
6
TO-252 Junction to Case, at Tab
50
50
TO-252 Junction to Ambient
ELECTRICAL CHARACTERISTICS
Specifications are at V
IN=VOUT + 1.5V, TA = 25°C, CIN = COUT = 10µF, IOUT =10mA, unless otherwise specified. The
denotes
the specifications which apply full operating temperature range -40°C to +85°C, unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com