Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6127 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6127
Description  Evaluation Board Manual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6127 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6127 Datasheet HTML 1Page - Sipex Corporation SP6127 Datasheet HTML 2Page - Sipex Corporation SP6127 Datasheet HTML 3Page - Sipex Corporation SP6127 Datasheet HTML 4Page - Sipex Corporation SP6127 Datasheet HTML 5Page - Sipex Corporation SP6127 Datasheet HTML 6Page - Sipex Corporation SP6127 Datasheet HTML 7Page - Sipex Corporation SP6127 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev 6/27/07
SP6127 Evaluation Manual
Copyright 2007 Sipex Corporation
SP6127EB SCHEMATIC
High=Of f
L1, IHLP-2525CZ
3.3uH, 30mOhm, 6A
C4
22uF
Ds
MBRA340T3G
R1
200k, 1%
RZ
2K
R2
100k, 1%
Q1
Si2343DS
CZ
33pF
C7
0.1uF
C1
4.7uF
Rs=1k
D1 1N4148
SHDN
12V
VIN
VOUT
GND
GND
VFB
Vin
GND
VDR
1.8V
0-2.0A
Gate
LX
SP6127
1
5
3
2
6
4
Easy Evaluation for the
SP6127EK1 12V Input, 0 to 2A
Output Non-Synchronous Buck
Converter
Precision 0.60V ±1% High
-Accuracy Reference.
Small form factor
Feature Rich: Single supply operation, Over-
current protection with auto-restart, on/off
function, Preset internal soft start, Type-II
internal compensation
SP6127, 2A
Evaluation Board Manual


Similar Part No. - SP6127

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6127 SIPEX-SP6127 Datasheet
565Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
logo
Exar Corporation
SP6127 EXAR-SP6127 Datasheet
339Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
SP6127EK1-L EXAR-SP6127EK1-L Datasheet
339Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
SP6127EK1-L/TR EXAR-SP6127EK1-L/TR Datasheet
339Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
logo
Sipex Corporation
SP6127EK1L SIPEX-SP6127EK1L Datasheet
565Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
More results

Similar Description - SP6127

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com