Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR65CTJ Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR65CTJ
Description  40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR65CTJ Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR65CTJ Datasheet HTML 1Page - Solid States Devices, Inc SDR65CTJ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR62 __ __ __ __ __
+ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
¦
¦
¦
¦
¦
+ Leg Bend Option
(See Figure 1)
¦
¦
¦
¦
¦
¦
¦
+
Package J = TO-257(J)
¦
¦
¦
¦
¦
¦
¦
¦
+
Configuration CT = Common Cathode,
CA = Common Anode, D = Doubler,
DR = Doubler Reverse
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+ Voltage 3 = 300V, 4 = 400V, 5 = 500V, 6 = 600V
SDR623CTJ
Thru
SDR626DRJ
40A 35nsec 300-600 V
Hyper Fast Centertap Rectifier
Features:
•
Hyper Fast Recovery: 35nsec Maximum
3/
•
High Surge Rating
•
Low Reverse Leakage Current
•
Low Junction Capacitance
•
Isolated Hermetically Sealed Package
•
Gold Eutectic Die Attach
•
Ultrasonic Aluminum Wire Bonds
•
Availabl e in Common Anode, Common Cathode,
Doubler, and Doubler Reverse Configurations
•
Custom Lead Forming Available
•
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR623__J
SDR624__J
SDR625__J
SDR626__J
VRRM
VRWM
VR
300
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
4/
Io
40
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
5/
IFSM
200
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Total Thermal Resistance
Junction to Case
4/
Junction to Case
5/
RθJC
1.0
2.1
ºC/W
-
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to .25 Amp.
4/ Both Legs Tied Together.
5/ Per Leg.
TO-257(J)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0051D
DOC


Similar Part No. - SDR65CTJ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR65CTM SSDI-SDR65CTM Datasheet
80Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR65CTZ SSDI-SDR65CTZ Datasheet
80Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
More results

Similar Description - SDR65CTJ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR4006HF SSDI-SDR4006HF Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR953M SSDI-SDR953M Datasheet
83Kb / 2P
50A, 35nsec, 300-600 V Hyper Fast Rectifier
SDR623 SSDI-SDR623 Datasheet
53Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623CTM SSDI-SDR623CTM Datasheet
80Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623G SSDI-SDR623G Datasheet
47Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623CTS1 SSDI-SDR623CTS1 Datasheet
48Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CT-3 SSDI-SDR623CT-3 Datasheet
55Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CTC SSDI-SDR623CTC Datasheet
54Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CT-CA SSDI-SDR623CT-CA Datasheet
61Kb / 2P
40A 35nsec 300-600 V Common Anode & Common Cathode Hyper Fast Centertap Rectifier
SDR9103CTNA SSDI-SDR9103CTNA Datasheet
235Kb / 2P
100AMP 300-500VOLTS 35nsec HYPER FAST CENTERTAP RECTIFIER 40MIL PINS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com