Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2815 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX2815
Description  1.5A Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX2815 Datasheet HTML 1Page - Sipex Corporation SPX2815 Datasheet HTML 2Page - Sipex Corporation SPX2815 Datasheet HTML 3Page - Sipex Corporation SPX2815 Datasheet HTML 4Page - Sipex Corporation SPX2815 Datasheet HTML 5Page - Sipex Corporation SPX2815 Datasheet HTML 6Page - Sipex Corporation SPX2815 Datasheet HTML 7Page - Sipex Corporation SPX2815 Datasheet HTML 8Page - Sipex Corporation SPX2815 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Date: 6/21/06 Rev C
SPX2815 1.5A Low Dropout Voltage Regulator
© 2006 Sipex Corporation
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
Frequency, Hz
Figure 5. Ripple Rejection; Vin=3.3V, Vout=1.8V (adj.),
Iload=200mA
Figure 6. Current Source
LOAD
ADJ
SPX2815
V
IN
C
1
OUT
IN
4.7μF
C
2
I
OUT
R
1
V
REF
R
1
I
OUT =
+
V
OUT
Ripple Rejection
Ripple rejection can be improved by adding a
capacitor between the ADJ pin and ground as
shown in Figure 8. When ADJ pin bypassing is
used, the value of the output capacitor required
increases to its maximum. If the ADJ pin is not
bypassed, the value of the output capacitor can
be lowered to 22
μF for an electrolytic aluminum
capacitor or 10
μF for a solid tantalum capacitor
(Fig 7). However, the value of the ADJ-bypass
capacitor should be chosen with respect to the
following equation:
_______1______-_
C =
( 6.28 * F
R * R1 )
Where
C = value of the capacitor in Farads
(select an equal or larger standard value),
F
R = ripple frequency in Hz,
R
1 = value of resistor R1 in Ohms.
If an ADJ-bypass capacitor is used, the ampli-
tude of the output ripple will be independent of
the output voltage. If an ADJ-bypass capacitor
is not used, the output ripple will be proportional
to the ratio of the output voltage to the reference
voltage:
M = V
OUT / VREF
Where M = multiplier for the ripple seen when
the ADJ pin is optimally bypassed.
V
REF =1.25V
Ripple rejection for the adjustable version is
shown in Figure 5.
Output Voltage
The output of the adjustable regulator can be set
to any voltage between 1.25V and 15V. The
value of V
OUT can be quickly approximated using
the formula
V
OUT=1.25 *(R1 + R2)/R1
A small correction to this formula is required
depending on the values of resistors R
1 and R2,
since the adjustable pin current (approx 50
μA)
flows through R
2.
When I
ADJ is taken into ac-
count, the formula becomes
V
OUT = VREF(1+ (R2/R1)) + IADJ * R2
where
V
REF=1.25V
Layout Considerations
Parasitic line resistance can degrade load regu-
lation. In order to avoid this, connect R
1 directly
to V
OUT as illustrated in Figure 13. For the same
reason, R
2 should be connected to the negative
side of the load.
APPLICATION INFORMATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com