Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6231EN Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6231EN
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6231EN Datasheet(HTML) 1 Page - Sipex Corporation

  SP6231EN Datasheet HTML 1Page - Sipex Corporation SP6231EN Datasheet HTML 2Page - Sipex Corporation SP6231EN Datasheet HTML 3Page - Sipex Corporation SP6231EN Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev 09/24/02
SP6231 Evaluation Board Manual
Copyright Sipex Corporation
DESCRIPTION
The SP6231 Evaluation Board is designed to help the user evaluate the performance of
the SP6231 for use as a dual power source for applications like a DSC with USB port
power for downloading. The Evaluation Board operates from a 5V main supply which
can be from the on-board USB connector, providing a regulated 3.3V output at 500mA
or if that input is not present then from a 3.3V AUX switch input. The 3.3V AUX input is
available from an on-board option: Sipex’s SP6641B 2 Cell Battery Boost Converter to
3.3V auxiliary supply.
The SP6231 Evaluation Board can be used to provide glitch free transition between two
supplies. When the main power 5.0V input drops below 4.4V the auxiliary 3.3V is
switched to the output through the internal PFET. Thus, the SP6231 guarantees 3.3V
output “glitch free” operation.
Easy Evaluation for the SP6231 Linear
Regulator with Auxiliary Backup.
Evaluation Board provides complete,
ready to use solutions ideal for Digital
Still Camera (DSC) with USB port.
5.0 In, 3.3V Out, 500mA LDO.
Integrated Auxiliary Voltage Switch 0.2
Ω.
Glitch Free Transition between Two
Supplies: Battery or USB downloading.
Current Limit and Thermal Shutdown
Protection.
Fast Transient Response.
Applications: DSC, PCMCIA/PCI cards,
NIC Cards, Dual Power Systems.
SP6231EB
Evaluation Board Manual
SP6231REB SCHEMATIC
J2
AMP# 787616
1
2
3
4
80mohm
L1
10uH
6641 3.3V
USB CONNECTOR
1.8V to 3.3V
C6
1uF Cer.
L2 SM Bead
VAUX
SP6231 500MA LDO WITH AUX SWITCH
SHDN
D1
SCHOTTKY DIODE
J1
1
2
3
+5V
U1 SP6641B
1
2
4
5
3
LX
GND
SHDN
VBATT
VOUT
C3
2.2uF Cer.
GND
C5
0.1uF
VIN 5V
C4
10uF Cer.
C2
100uF
VOUT 3.3V
C1
100uF
SP6641B 2 CELL BOOST
VBATT
U2 SP6231
1
3
4
5
6
2
VAUX
GND
Vsense
Vin
Vout
GND
80mohm


Similar Part No. - SP6231EN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6231EN-3.3 SIPEX-SP6231EN-3.3 Datasheet
145Kb / 10P
500mA, 3.3V Linear Regulator with Auxiliary Backup
SP6231EN-3.3/TR SIPEX-SP6231EN-3.3/TR Datasheet
145Kb / 10P
500mA, 3.3V Linear Regulator with Auxiliary Backup
More results

Similar Description - SP6231EN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com