Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6652EU Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6652EU
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652EU Datasheet(HTML) 4 Page - Sipex Corporation

  SP6652EU Datasheet HTML 1Page - Sipex Corporation SP6652EU Datasheet HTML 2Page - Sipex Corporation SP6652EU Datasheet HTML 3Page - Sipex Corporation SP6652EU Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Date: 05/15/06 RevA
SP6652LED Evaluation Board Manual
Copyright 2006 Sipex Corporation
Page 4 of 4
TABLE1: SP6652LEDEB LIST OF MATERIALS
Ref. Des.
Qty.
Manufacturer
Part Number
Layout Size
Component
Vendor
LxWxH
U1
1
Sipex Corp.
SP6652
MSOP-10
High Efficiency Current Mode Buck Regulator
Sipex 978-667-8700
U2
1
National Semi
LMV321M5
SOT23-5
Rail-to-Rail Output Operational Amplifiers
National Semi
C1N, COUT
2
TDK Corp
C2012X5R0J106M
0805
10uF/6.3V/X5R/ Ceramic
TDK 847-803-6100
CVIN
1
TDK Corp
C1608X5R1A105K
0805
1uF/10V/X5R/ Ceramic
TDK 847-803-6100
Cc
1
TDK Corp
C1608X7R1H103K
0805
10nF/50V/X7R/ Ceramic
TDK 847-803-6100
L1
1
Wurth Elektronik
744042004
4.8x4.8x1.8mm
4.7uH, 1.7A, 0.07ohm, SM Inductor
www.we-online.com
D
1
LumiLEDs
Luxeon I and III
Open
LumiLEDs
Rb1
1
Vishay
CRCW0603R047F
0603
0.047 Ohm 1/16W 1% 0603 SM
www.vishay.com
Rb2
NU
RVIN
1
Panasonic
0603
10 Ohm 1/16W 1% 0603 SM
800-Digi-Key
Rz
1
Panasonic
0603
100 Ohm 1/16W 1% 0603 SM
800-Digi-Key
R1
1
Panasonic
0603
10K Ohm 1/16W 1% 0603 SM
800-Digi-Key
R2
1
Panasonic
0603
140K Ohm 1/16W 1% 0603 SM
800-Digi-Key
R3
1
Panasonic
0603
280K Ohm 1/16W 1% 0603 SM
800-Digi-Key
R4
1
Panasonic
0603
Open
800-Digi-Key
RI, RF
2
Panasonic
0603
Open
800-Digi-Key
J1
1
3-Pin Jumper
800-Digi-Key
SP6652LEDEB List of Materials
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6652LEDEB............................. -40°C to +85°C...................SP6652LED Evaluation Board
SP6652EU.....................................-40°C to +85°C...................................... 10-pin µSOIC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com