Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6687 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6687
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6687_06 Datasheet HTML 1Page - Sipex Corporation SP6687_06 Datasheet HTML 2Page - Sipex Corporation SP6687_06 Datasheet HTML 3Page - Sipex Corporation SP6687_06 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dec18,2006 RevB
SP6687 Evaluation Board Manual
© 2006 Sipex Corporation
Page 3 of 4
0
2
4
6
8
10
12
14
16
18
20
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage, V
Iin x 10mA (rising)
Vout, V (rising)
Vout, V (falling)
Iin x 10mA (falling)
Graph 1. Input Current and Vout Voltage vs. rising and
falling Input Voltage at R5 = 20 k
(4 LEDs are on)
EVALUATION BOARD LAYOUT
Figure 2. SP6687 Evaluation Board Layout top side



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com