Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX29150 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX29150
Description  1.5A Low Dropout Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29150 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX29150 Datasheet HTML 1Page - Sipex Corporation SPX29150 Datasheet HTML 2Page - Sipex Corporation SPX29150 Datasheet HTML 3Page - Sipex Corporation SPX29150 Datasheet HTML 4Page - Sipex Corporation SPX29150 Datasheet HTML 5Page - Sipex Corporation SPX29150 Datasheet HTML 6Page - Sipex Corporation SPX29150 Datasheet HTML 7Page - Sipex Corporation SPX29150 Datasheet HTML 8Page - Sipex Corporation SPX29150 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Rev A 8/5/06
SP2950/5/52/53 .5A Low Dropout voltage Regulator
© Copyright 2006 Sipex Corporation
NOTES:
Note 1: Dropout voltage is defined as the input to output differential when the output voltage drops to 99% of its nominal value.
Note 2: Vin = vout (NOMINAL) +1V. For example, use Vin = 4.3V for a 3.3V regulator. Employ pulse-testing procedures to minimize temperature rise.
Note 3: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current to the ground
current.
Note 4: Thermal regulation is defined as the change in the output voltage at a time T after a change in power dissipation is applied, excluding load or line
regulation effects.
Note 5: Comparator threshold is expressed in terms of a voltage differential at the Adjust terminal below the nominal reference voltage measured 6V
input. To express these thresholds in terms of output voltage change, multiply the error amplifier gain = Vout/vref = (R1 + R2)/R2. For example, at
a programmable output voltage of 5V, the Error output is guaranteed to go low when the output drops by 95mVx 5V/ 1.240V = 38mV. Thresholds
remain constant as a percent of Vout as Vout is varied, with the dropout warning occurring at typically 5% below nominal, 7.7% guaranteed.
Note 6: Ven ≤ 0.8V and Vin ≤ 16V, Vout = 0.
Note 7: Maximum positive supply voltage of 20V must be of limited duration (<100m_) < 1%. The maximum continuous supply voltage is 16V.
Note 8: Vref ≤ Vout ≤ (Vin-1), 2.5V≤Vin ≤ 16V, 10mA ≤ Il ≤ Ifl, Tj < Tjmax.
Reference
Thermal
shutdown
EN
IN
OUT
ADJ
GND
O.v
I
LIMIT
28v
R1*
R2*
1.180v
1.240v
+
+
-
-
FLAG
BLOCK DIAGRAM
ELECTRICAL CHARACTERISTICS CONT'D
PARAMETER
CONDITIONS
Typ
SPX29150/51
Min
Max
Units
Upper Threshold
voltage
Device set for 5V (Note 5)
60
40
25
mV
Lower Threshold
voltage
Device set for 5V (Note 5)
75
95
140
mV
Hysteresis
Device set for 5V (Note 5)
5
mV
ENABLE input
SPX29151/52
Input Logic Voltage
Low (OFF)
High (ON)
vin < 10V
2.4V
0.8
v
Enable Input Pin Input
Current
ven=6v
00
600
750
µA
ven=0.8v
1
2
µA
Regulator output Cur-
rent in Shutdown
(Note 6)
0
500
µA
Thermal Resistance
TO-220 Junction to Case, at Tab
TO-220 Junction to Ambient
TO-263 Junction to Case, at Tab
TO-263 Junction to Ambient
3
30
3
32
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com