Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1117HM3 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1117HM3
Description  800mA Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117HM3 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1117HM3 Datasheet HTML 1Page - Sipex Corporation SPX1117HM3 Datasheet HTML 2Page - Sipex Corporation SPX1117HM3 Datasheet HTML 3Page - Sipex Corporation SPX1117HM3 Datasheet HTML 4Page - Sipex Corporation SPX1117HM3 Datasheet HTML 5Page - Sipex Corporation SPX1117HM3 Datasheet HTML 6Page - Sipex Corporation SPX1117HM3 Datasheet HTML 7Page - Sipex Corporation SPX1117HM3 Datasheet HTML 8Page - Sipex Corporation SPX1117HM3 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation
800mA Low Dropout Voltage Regulator
SPX1117
DESCRIPTION
FEATURES
■ Guaranteed 0.8A Output Current
■ Guaranteed 1A Peak Current
■ Three Terminal Adjustable or Fixed
1.5V, 1.8V, 2.5V, 2.85V, 3.0V,
3.3V and 5V
■ Low Quiescent Current
■ Low Dropout Voltage of 1.1V at 0.8A
■ 0.1% Line and 0.2% Load Regulation
■ Stable with 2.2uF Ceramic Capacitor
■ Overcurrent and Thermal Protection
■ Lead Free, RoHS Compliant Packages:
SOT-223,TO-252, TO-220, and TO-263
The SPX1117 is a low power positive-voltage regulator designed to satisfy moderate power
requirements with a cost effective, small footprint solution. This device is an excellent choice for
use in battery-powered applications and portable computers. The SPX1117 features very low
quiescent current and a low dropout voltage of 1.1V at a full load. As output current decreases,
quiescent current flows into the load, increasing efficiency. SPX1117 is available in adjustable
or fixed 1.5V, 1.8V, 2.5V,2.5V, 2.85V, 3.0V, 3.3V and 5V output voltages.
The SPX1117 is offered in several 3-pin surface mount packages: SOT-223, TO-252, TO-220
and TO-263. An output capacitor of 10µF provides unconditional stability while a smaller 2.2µF
capacitor is sufficient for most applications.
APPLICATIONS
■ Desktop PC's Servers
■ SCSI-II Active Terminator
■ Portable/ Palm Top / Notebook
Computers
■ Cordless Phones
■ Battery Chargers
■ Disk Drives
■ Portable Consumer Equipment
■ Portable Instrumentation
■ SMPS Post-Regulator
FUNCTIONAL DIAGRAM
Current Limit
ICL
I TL
Thermal Limit
VREF
AMP
VOUT
VIN
ADJ/GND
+
–
IADJ ~ 50µA
1.25V
+
-
+
-


Similar Part No. - SPX1117HM3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
168Kb / 10P
800mA Low Dropout Regulator
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1117M3 SIPEX-SPX1117M3 Datasheet
168Kb / 10P
800mA Low Dropout Regulator
SPX1117M3 SIPEX-SPX1117M3 Datasheet
204Kb / 15P
800mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1117HM3

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
800mA Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com