Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALIF1002T Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # ALIF1002T
Description  ADDERLink INFINITY 1002 Single link, single head digital video and USB2.0 over a single cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ALIF1002T Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  ALIF1002T Datasheet HTML 1Page - Infinite Electronics International, Inc. ALIF1002T Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Copyright 2014 Adder Technology Ltd.All brand names and trademarks are the property of their respective owners. SC-alif1002_v1.2.indd
ADDER CORPORATION
USA and Canada
Tel: +1 888 932 3337 Fax: +1 888 275 1117
email: usasales@adder.com www.adder.com
ADDER ASIA
Asia Pacific
Tel: +65 6288 5767 Fax: +65 6284 1150
email: asiasales@adder.com www.adder.com
ADDER TECHNOLOGY
Head Office
Tel: +44 (0)1954 780044 Fax: +44 (0)1954 780081
email: sales@adder.com www.adder.com
ORDERING INFORMATION
ALIF1002P-XX: INFINITY pair including Tx and Rx units
ALIF1002T-XX: INFINITY Tx (transmitter unit only)
ALIF1002R-XX: INFINITY Rx (receiver unit only)
XX
= Mains Lead Country Code:
UK
= United Kingdom
US
= United States
EURO
= Europe
AUS
= Australia
JAP
= Japan
ADDITIONAL ACCESSORIES
RMK4V:VESA mounting bracket (screws included), can also be
used to secure to walls and other surfaces
Two 19” rack mount brackets (screws included):
RMK4S: One unit per 1U rack slot
RMK4D:Two units per 1U rack slot
VSCD1: Single link DVI-D to DVI-D video cable
VSC24: USB cable 2m (type A to B)
SFP-MM-LC: Multimode fiber optic module with LC connectors
for up to 500m
SFP-SM-LC: Single mode fiber optic module with LC
connectors for up to 10km
SFP-CATX- RJ45: SFP to CATx converter module
TECHNICAL SPECIFICATIONS
Hardware compatibility
All computers with DVI-D, USB,Audio,
RS232 - requirement dependent.
DVI-D - DigitalVisual Interface (digital only)
The system supports a Single Link DVI-D
resolution to a maximum of 1920 x 1200
@ 60Hz.
USB 2.0 with class control
Supports USB2.0 devices (low, full and
high speed). Security feature allows the
blocking of non HID devices.
Isochronous devices are not supported
(e.g. USB audio or video devices).
Digital stereo audio
The system transfers analog stereo audio
(Line In/Line Out) via digital signalling
between any transmitter/receiver pair.
Additionally, the audio output of any
transmitter can be multicast to many
receivers.
RS232
RS232 can be passed between the units to
a maximum baud rate of 115,200. RS232
is a point to point connection technology
and cannot be multicast.
Software compatibility
All known operating systems.
Computer connections transmitter (TX)
1 x DVI-D, audio 3.5mm in, audio 3.5mm
out, USB type B, RS232 9-pin D-type
1 x 8p8c and 1 x SFP for AdderLink
Infinity network connections.
Peripheral connections receiver (RX)
1 x DVI-D, audio 3.5mm in, audio 3.5mm
out, 4 x USB type A, RS232 9-pin D-type
1 x 8p8c and 1 x SFP for AdderLink
Infinity network connections.
Physical design
1U compact case, robust metal construction.
198mm/7.92” (w), 44mm/1.76” (h),
150mm/6.0” (d), 1.1kg/2.7lbs.
Power
2.5mm DC jack (power adapter
included),100-240VAC 50/60Hz, 0.8A,
input to power adapter. 5VDC 20W
output from power adapter.
Operating temperature
0 to 40ºC / 32 to 104ºF.
Approvals
CE, FCC.
ADDERLink INFINITY 1002
Single Link or single head digital video and USB2.0 over a single cable
ABOUT ADDER
Adder is a leading developer and
thought leader in connectivity
solutions.Adder’s advanced range
of high performance KVM switches,
extenders and IP solutions enable the
control of local, remote and global IT
systems across the enterprise.The
company distributes its products in
more than 60 countries through a
network of distributors, resellers and
OEMs.Adder has offices in the United
States, United Kingdom, Germany,
the Netherlands, Sweden, China and
Singapore.
To find out more, visit:
http://www.adder.com
RELATED PRODUCTS
Adder offer a vast range of products
to suit your needs. Other products
you may find useful are:
ADDERLink INFINITY
dual
ALIF2002P, ALIF2002T,
ALIF2000R
ADDERLink INFINITY
dual VNC
ALIF2112T
ADDERLink INFINITY
Manager
ALIF-AIM,ALIF-AIM-8,
ALIF-AIM-16
Adder CCS-PRO4
CCS-PRO4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com