Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34C02 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT34C02
Description  EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34C02 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT34C02 Datasheet HTML 1Page - ON Semiconductor CAT34C02 Datasheet HTML 2Page - ON Semiconductor CAT34C02 Datasheet HTML 3Page - ON Semiconductor CAT34C02 Datasheet HTML 4Page - ON Semiconductor CAT34C02 Datasheet HTML 5Page - ON Semiconductor CAT34C02 Datasheet HTML 6Page - ON Semiconductor CAT34C02 Datasheet HTML 7Page - ON Semiconductor CAT34C02 Datasheet HTML 8Page - ON Semiconductor CAT34C02 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT34C02
www.onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Operating Temperature
−45 to +130
°C
Storage Temperature
−65 to +150
°C
Voltage on Any Pin with Respect to Ground (Note 1)
−0.5 to +6.5
V
Voltage on Pin A0 with Respect to Ground
−0.5 to +10.5
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The DC input voltage on any pin should not be lower than −0.5 V. During transitions, the voltage on any pin may undershoot to no less than
−1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program/ Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C
Table 3. D.C. OPERATING CHARACTERISTICS
(VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C and VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC
Supply Current
VCC < 3.6 V, fSCL = 100 kHz
1
mA
VCC > 3.6 V, fSCL = 400 kHz
2
ISB
Standby Current
All I/O Pins at GND or VCC
TA = −40°C to +85°C
VCC ≤ 3.3 V
1
mA
TA = −40°C to +85°C
VCC > 3.3 V
3
TA = −40°C to +125°C
5
IL
I/O Pin Leakage
Pin at GND or VCC
2
mA
VIL
Input Low Voltage
−0.5
0.3 x VCC
V
VIH
Input High Voltage
0.7 x VCC
VCC + 0.5*
VOL
Output Low Voltage
VCC > 2.5 V, IOL = 3 mA
0.4
VCC < 2.5 V, IOL = 1 mA
0.2
*VIH Max = 4 V for SDA and SCL when VCC = 0 V.
Table 4. PIN IMPEDANCE CHARACTERISTICS
(VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C and VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Max
Units
CIN (Note 4)
SDA I/O Pin Capacitance
VIN = 0 V, f = 1.0 MHz, VCC = 5.0 V
8
pF
Other Input Pins
6
IWP (Note 5)
WP Input Current
VIN < VIH, VCC = 5.5 V
130
mA
VIN < VIH, VCC = 3.6 V
120
VIN < VIH, VCC = 1.7 V
80
VIN > VIH
2
IA (Note 5)
Address Input Current
(A0, A1, A2)
Product Rev H
VIN < VIH, VCC = 5.5 V
50
mA
VIN < VIH, VCC = 3.6 V
35
VIN < VIH, VCC = 1.7 V
25
VIN > VIH
2
4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
5. When not driven, the WP, A0, A1 and A2 pins are pulled down to GND internally. For improved noise immunity, the internal pull−down is relatively
strong; therefore the external driver must be able to supply the pull−down current when attempting to drive the input HIGH. To conserve power,
as the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull−down reverts to a weak current source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com