Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR20C30CT Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR20C30CT
Description  20A / 300V Schottky Silicon Carbide Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR20C30CT Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR20C30CT Datasheet HTML 1Page - Solid States Devices, Inc SSR20C30CT Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SSR20C 30 CT S.5 TX
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening __ = Not Screened
TV = TX Level
TXV= TXV Level
S
= S Level
│
│
│
│
└
Package 2/ S.5 = SMD.5
G
= Cerpack
J
= TO-257
│
│
└
Configuration CT = Centertap
└
Voltage 20 = 200 V
30 = 300 V
World’s First Silicon Carbide
Centertap Rectifier
SSR20C30CT Series
20A / 300V
Schottky Silicon Carbide
Centertap Rectifier
Features:
• World's 1st Hermetic 20A SiC Centertap Rectifier
• High Voltage 300V
• Very High Operating Temperature, 250ºC
• No Recovery Time (tfr or trr)
• High Current Operation, 20A
• Hermetic Packaging
• TX, TXV, S Level Screening Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse
Voltage
SSR20C20CT
SSR20C30CT
VRRM
VRSM
200
300
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave)
Per Leg
Total
Io
10
20
Amps
Non Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO, per leg)
IFSM
18
Amps
Power Dissipation
PD
30
Watts
Operating & Storage Temperature
TOP & Tstg
-55 to +250
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
2.2
ºC/W
1
Cerpack (G)
SMD .5 (S.5)
TO-257 (J)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0028D
DOC


Similar Part No. - SSR20C30CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR20C SSDI-SSR20C Datasheet
87Kb / 2P
Schottky Silicon Carbide
SSR20C100CT SSDI-SSR20C100CT Datasheet
87Kb / 2P
Schottky Silicon Carbide
SSR20C120CT SSDI-SSR20C120CT Datasheet
87Kb / 2P
Schottky Silicon Carbide
More results

Similar Description - SSR20C30CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR40C30CT SSDI-SSR40C30CT Datasheet
140Kb / 2P
40A / 300V Schottky Silicon Carbide Centertap Rectifier
SSR24C60CT SSDI-SSR24C60CT_1 Datasheet
72Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
SSR50C60CT SSDI-SSR50C60CT Datasheet
74Kb / 2P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RC0140B SSDI-RC0140B Datasheet
74Kb / 2P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RS0022 SSDI-RS0022 Datasheet
144Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0024 SSDI-RS0024 Datasheet
146Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0028E SSDI-RS0028E Datasheet
131Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
RS0022 SSDI-RS0022_15 Datasheet
144Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
SH0029E SSDI-SH0029E_15 Datasheet
106Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
SH0082A SSDI-SH0082A_15 Datasheet
146Kb / 3P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com