Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR2010CTJUB Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR2010CTJUB
Description  20 AMPS 100 VOLTS SCHOTTKY RECTIFER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR2010CTJUB Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR2010CTJUB Datasheet HTML 1Page - Solid States Devices, Inc SSR2010CTJUB Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• PIV: 100 Volts
• Average Output Current 25 Amps
• Low Reverse Leakage Current
• Low Forward Voltage Drop
• Guard Ring for Overvoltage Protection
• Isolated Hermetically Sealed Package
• Custom Lead Forming Available
• Eutectic Die Attach
• Ultrasonic Aluminum Wire Bonds
• 175°C Operating Junction Temperature
• TX, TXV, and Space Level Screening Available.
Consult Factory.
SSR2010J Series
20 AMPS
100 VOLTS
SCHOTTKY
RECTIFER
TO-257(J)
MAXIMUM RATINGS 1/
Symbol
Value
Unit
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
VRRM
VRWM
VR
100
Volts
Average Rectified Forward Current 2/
(Resistive Load, 60 Hz, Sine Wave, TA = 25
°C)
IO
20
Amps
Peak Surge Current 2/
(8.3 ms Pulse, Half Sine Wave, Superimposed on Io, Allow Junction to
reach equilibrium between pulses, TA = 25
°C)
IFSM
300
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
°C
Maximum Thermal Resistance 2/
(Junction to Case)
RθJC
1.0
°C/W
Available in the Following Configurations:
Rectifier:
SSR2010J, SSR2010JDB, and SSR2010JUB
Common Cathode Centertap: SSR2010CTJ, SSR2010CTJDB, and SSR2010CTJUB (See Data Sheet RS0073)
Common Anode Centertap: SSR2010CAJ, SSR2010CAJDB, and SSR2010CAJUB (See Data Sheet RS0073)
NOTE:
1/
at room temperature, unless otherwise specified
2/
pins 2 and 3 connected together
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0087G
DOC


Similar Part No. - SSR2010CTJUB

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2010CTJ SSDI-SSR2010CTJ Datasheet
140Kb / 2P
20 AMPS, 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
More results

Similar Description - SSR2010CTJUB

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2010CT-3 SSDI-SSR2010CT-3 Datasheet
150Kb / 2P
20 AMPS 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2010CTJ SSDI-SSR2010CTJ Datasheet
140Kb / 2P
20 AMPS, 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR2010CT-28 SSDI-SSR2010CT-28 Datasheet
157Kb / 2P
20 AMPS 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR2008M SSDI-SSR2008M Datasheet
55Kb / 2P
20 AMPS 100 VOLTS CHOTTKY RECTIFER
SSR2010-61 SSDI-SSR2010-61 Datasheet
200Kb / 2P
20 AMPS 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SPD0801SMS SSDI-SPD0801SMS Datasheet
187Kb / 2P
1 AMPS 80-100 VOLTS SCHOTTKY RECTIFER
SSR1045G SSDI-SSR1045G Datasheet
193Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFER
SSR1045-5 SSDI-SSR1045-5 Datasheet
195Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFER
SSR1045-59 SSDI-SSR1045-59 Datasheet
196Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFER
SSR1045J SSDI-SSR1045J Datasheet
198Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com