Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR1MSMS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR1MSMS
Description  1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1MSMS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR1MSMS Datasheet HTML 1Page - Solid States Devices, Inc SDR1MSMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR1
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
SM = Surface Mount Round Tab
SMM = Surface Mount Mini
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└ Voltage A = 50 V
J = 600 V
B = 100 V
K = 800 V
D = 200 V
M = 1000 V
G = 400 V
SDR1ASM, SMM, & SMS
thru
SDR1MSM, SMM, & SMS
1.0 AMPS
50 ─ 1000 VOLTS
50 – 70 nsec ULTRA FAST RECTIFIER
FEATURES:
•
Ultra Fast Recovery: 50-70 ns Max @ 25
°C 4/
80-120 ns Max @ 100
°C 4/
•
Single Chip Construction
•
PIV to 1000 Volts (1200V Version available
•
Low Reverse Leakage Current
•
Hermetically Sealed
•
For High Efficiency Applications
•
Available in Round, Mini, and Square Tab
Versions
•
Metallurgically Bonded
•
TX, TXV, and S-Level Screening Available
2/
• Hyper Fast Version available
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
And
DC Blocking Voltage
SDR1A ..
SDR1B ..
SDR1D ..
SDR1G ..
SDR1J ..
SDR1K ..
SDR1M ..
VRRM
VRWM
VR
50
100
200
400
600
800
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25°C)
IO
1
Amp
Peak Surge Current
(8.3 msec Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TA = 25°C)
IFSM
25
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°
C
Thermal Resistance, Junction to End Tab
SM
SMM
SMS
RθJE
28
45
35
°
C/W
SM (Round Tab)
SMM (Mini)
SMS (Square Tab)
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability-
Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0003D
DOC


Similar Part No. - SDR1MSMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1M SSDI-SDR1M Datasheet
125Kb / 2P
1 AMP ULTRA FAST RECOVERY RECTIFIER 50-1200 VOLTS
SDR1M SSDI-SDR1M Datasheet
146Kb / 2P
1.0 AMPS 200 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER
SDR1M SSDI-SDR1M Datasheet
152Kb / 2P
ULTRA FAST RECTIFIER
SDR1MHF SSDI-SDR1MHF Datasheet
72Kb / 2P
1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
SDR1MHF SSDI-SDR1MHF Datasheet
159Kb / 2P
1AMPS, 50thru 1200VOLTS 35nsec Hyper Fast Recovery Rectifier
More results

Similar Description - SDR1MSMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA382A SSDI-SDA382A Datasheet
81Kb / 2P
10 AMPS, 50 - 70 nsec ULTRAFAST CENTERTAP RECTIFIER
SDR1210CTJ SSDI-SDR1210CTJ Datasheet
60Kb / 2P
12AMPS 1000 - 1200 VOLTS 70 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR1510JUF SSDI-SDR1510JUF Datasheet
47Kb / 2P
15 AMPS 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR1D SSDI-SDR1D Datasheet
146Kb / 2P
1.0 AMPS 200 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER
SDR3A SSDI-SDR3A Datasheet
149Kb / 2P
3.0 AMPS 50 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER
SDR305 SSDI-SDR305 Datasheet
203Kb / 2P
30 AMP 50-150 VOLTS 50 nsec ULTRA FAST RECTIFIER
SDR900 SSDI-SDR900 Datasheet
202Kb / 2P
30 AMP 50-500 VOLTS 50 nsec ULTRA FAST RECTIFIER
SDR705 SSDI-SDR705 Datasheet
201Kb / 2P
70 AMP 50-200 VOLTS 50 nsec ULTRA FAST RECTIFIER
SDR1-12 SSDI-SDR1-12 Datasheet
214Kb / 2P
1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
SDR6K SSDI-SDR6K_1 Datasheet
145Kb / 2P
6.0 AMPS 800 - 1000 VOLTS 90 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com