Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR1304SMS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR1304SMS
Description  3 AMP, 400 - 800 Volts 70 nsec, Ultra Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1304SMS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR1304SMS Datasheet HTML 1Page - Solid States Devices, Inc SDR1304SMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR1304 thru SDR1308
SDR1304SMS thru SDR1308SMS
Electrical Characteristics
Part Type Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, pulsed) IF = 3A
SDR1304 - 1306
SDR1308
VF1
––
1.25
1.35
Volts
Instantaneous Forward Voltage Drop
(TA = -55ºC, pulsed) IF = 3A
SDR1304 - 1306
SDR1308
VF2
––
1.40
1.50
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, pulsed)
All
IR1
––
10
µA
Reverse Leakage Current
(Rated VR, pulsed)
SDR1304 - 1306 @ 125
°C
SDR1308 @ 100
°C
IR2
––
150
150
µA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
All
CJ
––
50
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A
All
trr
––
70
nsec
Case Outline: (Axial)
B
ØC
ØA
D
D
DIMENSIONS SDR1304 & SDR1306
DIM
MIN
MAX
A
0.140”
0.170”
B
––
0.200”
C
0.047”
0.053”
D
1.00”
––
DIMENSIONS SDR1308
DIM
MIN
MAX
A
0.140”
0.170”
B
––
0.215”
C
0.045”
0.053”
D
1.00”
––
Case Outline: Surface Mount (SMS
C
B
A
A
D
DIMENSIONS SDR1304 & SDR1306
DIM
MIN
MAX
A
0.172”
0.180”
B
0.200”
0.250”
C
0.020”
0.035”
D
0.002”
––
DIMENSIONS SDR1308
DIM
MIN
MAX
A
0.172”
0.180”
B
0.200”
0.265”
C
0.020”
0.035”
D
0.002”
––
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0095C
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com