Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ2CF1 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ2CF1
Description  TO-220 Package, Step Up Output Chopper Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ2CF1 Datasheet(HTML) 4 Page - Sharp Corporation

  PQ2CF1_01 Datasheet HTML 1Page - Sharp Corporation PQ2CF1_01 Datasheet HTML 2Page - Sharp Corporation PQ2CF1_01 Datasheet HTML 3Page - Sharp Corporation PQ2CF1_01 Datasheet HTML 4Page - Sharp Corporation PQ2CF1_01 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Chopper Regulators
PQ2CF1
s Step - Up Type Circuit Diagram (12V Output)
s Flyback Method Circuit Diagram
Fig. 9 Threshold Voltage vs. Junction
Temperature
–25
0
25
50
75
100 125 150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Junction temperature Tj (˚C)
VTHL
VTH(ON)
VIN
5V
CIN
100
µF
0.47
µF
CO
470
µF
R1
1k
Ω
R2
8.56k
Ω
IO
VO12V
+
+
L
90
µH
D
ON/OFF control
1k
Ω
2
1
5
3
4
VIN
CIN
100
µF
0.47
µF
CO
470
µF
R1
1k
Ω
R2
IO
VO
+
+
D
1k
Ω
2
1
5
3
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com