Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32343 Datasheet(PDF) 3 Page - EPCOS

Part # B32343
Description  Capacitors for Power Factor Correction PhiCap Metallized Polypropylene Film Capacitor 3-Phase
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32343 Datasheet(HTML) 3 Page - EPCOS

  B32343 Datasheet HTML 1Page - EPCOS B32343 Datasheet HTML 2Page - EPCOS B32343 Datasheet HTML 3Page - EPCOS B32343 Datasheet HTML 4Page - EPCOS B32343 Datasheet HTML 5Page - EPCOS B32343 Datasheet HTML 6Page - EPCOS B32343 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Capacitors for Power Factor Correction
B32343 / B32344
PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data
MKP400-D-15.0
15.0
18.00
99.5 89.5 x 270
1.7 B32344C4152A000
MKP400-D-20.0
20.0
24.00
132.5 89.5 x 345
2.1 B32344C4202A000
MKP400-D-25.0
25.0
--
166.0 89.5 x 345
2.1 B32344C4252A000
Rated voltage 415 V
Type
Output
kvar
at 50 Hz
Output
kvar
at 60 Hz
Capacitance
µF
3 x
d x h
mm
Weight
kg
Ordering code
MKP415-D-1.0
1.0
1.20
6.0 53 x 114
0.3 B32343C4012A010
MKP415-D-1.5
1.5
1.80
9.0 53 x 114
0.3 B32343C4012A510
MKP415-D-2.0
2.0
2.40
12.5 53 x 114
0.4 B32343C4022A010
MKP415-D-2.5
2.5
3.00
15.5 63.5 x 129
0.4 B32343C4022A510
MKP415-D-5.0
5.0
6.00
31.0 63.5 x 154
0.4 B32343C4052A010
MKP415-D-6.3
6.3
7.50
39.0 79.5 x 195
0.6 B32344C4071A510
MKP415-D-7.5
7.5
9.00
46.0 79.5 x 195
0.9 B32344C4072A510
MKP415-D-10.0
10.0
12.00
61.5 79.5 x 195
0.8 B32344C4102A010
MKP415-D-12.5
12.5
15.00
77.0 89.5 x 270
1.3 B32344C4122A510
MKP415-D-15.0
15.0
18.00
92.5 89.5 x 270
1.3 B32344C4152A010
MKP415-D-20.0
20.0
24.00
123.0 89.5 x 345
2.1 B32344C4202A010
MKP415-D-25.0
25.0
30.00
154.0 89.5 x 345
2.1 B32344C4252A010
FK PM PFC
24. Feb. 2003
Page 3 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com